Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS-EB1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCS-EB1
Description  3-element colour sensor - TO5 with optics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS-EB1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCS-EB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PIN-CONFIGURATION
(Top view)
PIN
description
1
A1 red
2
A2 blue
3
A3 green
K
common cathode
APPLICATION CIRCUIT
Opposite figure shows a circuit for the
conversion of photo current to an equivalent
voltage. These voltage can be processed
e.g. with an ADC. By the selection of suitable
resistors the output voltage range can be
adjusted to the photo current value.
(for example the pin-programmable
transimpedance amplifier MTI04 with the
resistors 25k
Ω, 500kΩ
and 5M
Ω)
APPLICATION NOTE
It is recommended to use an IR-block filter > 720nm (MCS3BT) or a light source with low
infrared radiation for optimal operations of the colour sensor.
ORDERING INFORMATION
Colour sensor with TO5-package with optical lense (plastic)
MCS3AO
Evaluation board for JENCOLOUR sensors
MCS-EB1
K
A1
A2
A3
Photo
Out
x
I
V
R
≈
TO5-package
MTI04
MAZeT
+V
I
I
I
R
R
R
V
V
V
MCS3
R
red
green
blue
1
2
3
blue
green
red
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 (0)8142 28640, Fax: +49 (0)8142 286411, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
USA: LASER COMPONENTS Instrument Group Inc., Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com
Web: www.lasercomponents.com
Issue: 11/03 / V3 / HW / www/pdf/mazet/mcs3ao.pdf
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com