Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS-EB1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS-EB1
Description  3-element colour sensor - TO5 with optics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS-EB1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS-EB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS-EB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA-SHEET
MCS3AO
3-element colour sensor – TO5 with optics
FUNCTION
The colour sensors are made of 3 Si-PIN photo diodes integrated on chip. They are carried
out as segments of a ring with the diameter of 2,0 mm. The design as Si-PIN photo diodes
allows signal frequencies up to MHz-range. In order to achieve a small cross talk between
the photodiodes the individual sectors were separated from each other by additional
structures. Each of these photodiodes is sensitised with dielectric spectral filter for its
colour range, preferably for the primary colours red, green and blue.
APPLICATION
•
Quality control
•
Monitoring the production
•
Control of manufacturing
•
Detection of colour marks
FEATURES
Dielectric filters guaranties the good optical properties
of the colour sensors, such as:
−
high transmission
−
slight aging of the filter
−
high temperature stability
−
high signal frequency
−
reduced cross talk
−
small size (diameter of the optical sensitive surface
ca. 2 mm)
CONSTRUCTION
•
3 on chip integrated PIN photo diodes
•
package version TO5, with optical lense
•
dielectric filters for the three colour ranges: red, green and blue
•
Electrical connections
−
three anodes
−
one common cathode
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 (0)8142 28640, Fax: +49 (0)8142 286411, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk
USA: LASER COMPONENTS Instrument Group Inc., Phone: +1 603 821 7040, Fax: +1 603 821 7041, info@laser-components.com


Similar Part No. - MCS-EB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS-EB1 ETC2-MCS-EB1 Datasheet
218Kb / 4P
Integral 3-Element Colour Sensor
More results

Similar Description - MCS-EB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS3AT ETC1-MCS3AT Datasheet
191Kb / 4P
3-element colour sensor - TO5
MCS3AS ETC2-MCS3AS Datasheet
169Kb / 7P
3-element colour sensor - SMD/SO8
MCSI ETC2-MCSI Datasheet
218Kb / 4P
Integral 3-Element Colour Sensor
logo
Bedford Opto Technology...
BG1500 BOT-BG1500 Datasheet
36Kb / 2P
LED BARGRAPH TRI-COLOUR 5 ELEMENT
logo
Ledil, Inc.
C11711 LEDIL-C11711 Datasheet
1Mb / 7P
~20째 medium beam with 3 optics
C11606 LEDIL-C11606 Datasheet
1Mb / 7P
~15째 spot beam with 3 optics
C11607 LEDIL-C11607 Datasheet
1Mb / 7P
~20째 medium beam with 3 optics
C11608 LEDIL-C11608 Datasheet
1Mb / 6P
~30째 wide beam with 3 optics
C13095 LEDIL-C13095 Datasheet
4Mb / 9P
~35째 medium beam with 3 optics
C13736 LEDIL-C13736 Datasheet
4Mb / 8P
~12째 spot beam with 3 optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com