Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9147 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 17Page - Torex Semiconductor XC9147 Datasheet HTML 18Page - Torex Semiconductor XC9147 Datasheet HTML 19Page - Torex Semiconductor XC9147 Datasheet HTML 20Page - Torex Semiconductor XC9147 Datasheet HTML 21Page - Torex Semiconductor XC9147 Datasheet HTML 22Page - Torex Semiconductor XC9147 Datasheet HTML 23Page - Torex Semiconductor XC9147 Datasheet HTML 24Page - Torex Semiconductor XC9147 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
XC9147/XC9148
Series
■
OPERATIONAL EXPLANATION
<
Thermal shutdown>
The junction temperature is monitored to protect the IC from thermal destruction.
When the junction temperature reaches the thermal shutdown detection temperature TTSD (TYP. 150°C), the thermal shutdown
activated, and the Nch driver FET and Pch synchronous switching FET are turned off, and the output voltage drops. When the
chip temperature drops to the thermal shutdown release temperature TTSD-THYS (TYP. 125°C) by stopping the current supply, the
output voltage is turned on by the start-up mode, and then normal operation starts.
In order to suppress the current consumption at the light load, XC9148 series stops the thermal shutdown function when the
output current is small at the PFM control.
<
UVLO>
XC9147 G/J types and XC9148 G/H/M/J/K/L types have UVLO function.
If BAT voltage becomes equal or less than VUVLO_R (TYP.1.60V)- VUVLO_HYS (TYP.0.15V), UVLO Detect Delay: tDF (TYP. 1.2MHz:
200μs, 3.0MHz: 100μs) continues, then UVLO becomes active.
When UVLO detection state is reached, the switching operation is stopped and Nch driver FET and Pch synchronous switching
FET are turned off.
If BAT voltage is higher than VUVLO_R, the output voltage is raised by the start-up mode, and then normal operation is performed.
The consumption current of the products with UVLO function is slightly higher than the products without UVLO function due to
the operation of UVLO function
<
CL Discharge>
A/D/G/J types can discharge the electric charge at the output capacitor (CL) quickly during standby mode(CE=”L”) via the Nch
FET located between VOUT and GND.
Electric charge at the output capacitor (CL) is quickly discharged so that it may avoid application malfunction during standby
mode.
Discharge time of the output capacitor (CL) is set by the CL discharge resistance (RDCHG) and the output capacitor (CL). By setting
time constant of a CL discharge resistance value [RDCHG] and an output capacitor value (CL) as τ(τ=CL×RDCHG), discharge time
can be the calculated by the following formulas.
However, the CL discharge resistance [RDCHG] is depends on the VBAT or VOUT. We recommend that you fully check actual
performance.
V = VOUT(T) × e -t /τ
t = τ× ln (VOUT(T) / V)
V : Output voltage after discharge
VOUT(T) : Target voltage
t : Discharge time
τ
: CL × RDCHG
CL : Capacitance of Output capacitor (CL)
RDCHG : CL Discharge resistance, it depends on the VBAT or VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com