Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9147 Datasheet(PDF) 39 Page - Torex Semiconductor

Part # XC9147
Description  Highly functionality, 1.4A Step-up DC/DC Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9147 Datasheet(HTML) 39 Page - Torex Semiconductor

Back Button XC9147 Datasheet HTML 35Page - Torex Semiconductor XC9147 Datasheet HTML 36Page - Torex Semiconductor XC9147 Datasheet HTML 37Page - Torex Semiconductor XC9147 Datasheet HTML 38Page - Torex Semiconductor XC9147 Datasheet HTML 39Page - Torex Semiconductor XC9147 Datasheet HTML 40Page - Torex Semiconductor XC9147 Datasheet HTML 41Page - Torex Semiconductor XC9147 Datasheet HTML 42Page - Torex Semiconductor XC9147 Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39/43
XC9147/XC9148
Series
(29) Load Transient Response
XC9147x18C (VOUT(T)=1.8V, fosc=1.2MHz)
XC9148x18C (VOUT(T)=1.8V, fosc=1.2MHz)
XC9147x33C (VOUT(T)=3.3V, fosc=1.2MHz)
XC9148x33C (VOUT(T)=3.3V, fosc=1.2MHz)
XC9147x50C (VOUT(T)=5.0V, fosc=1.2MHz)
XC9148x50C (VOUT(T)=5.0V, fosc=1.2MHz)
VOUT : 200mV/div
VBAT=1.2V,VOUT=1.8V,IOUT=10mA⇔100mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
Coil current :500mA/div
Time : 50µs/div
VBAT=1.2V,VOUT=1.8V,IOUT=10mA⇔100mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
VOUT : 200mV/div
Coil current :500mA/div
Time : 50µs/div
VBAT=2.4V,VOUT=3.3V,IOUT=50mA⇔300mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
VBAT=2.4V,VOUT=3.3V,IOUT=50mA⇔300mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
VBAT=3.7V,VOUT=5.0V,IOUT=50mA⇔300mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
VBAT=3.7V,VOUT=5.0V,IOUT=50mA⇔300mA(Tr=Tf=1us)
L = 4.7μH(XFL4020-472ME)
CIN = 10μF(GRM188D71A106MA73)
CL = 30μF(GRM188D71A106MA73 x 3)
VOUT : 200mV/div
Time : 50µs/div
VOUT : 200mV/div
Time : 50µs/div
VOUT : 200mV/div
Time : 50µs/div
VOUT : 200mV/div
Time : 50µs/div
Coil current :500mA/div
Coil current :500mA/div
Coil current :500mA/div
Coil current :500mA/div
■
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com