Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843404 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS843404
Description  LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843404 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS843404 Datasheet HTML 9Page - Renesas Technology Corp ICS843404 Datasheet HTML 10Page - Renesas Technology Corp ICS843404 Datasheet HTML 11Page - Renesas Technology Corp ICS843404 Datasheet HTML 12Page - Renesas Technology Corp ICS843404 Datasheet HTML 13Page - Renesas Technology Corp ICS843404 Datasheet HTML 14Page - Renesas Technology Corp ICS843404 Datasheet HTML 15Page - Renesas Technology Corp ICS843404 Datasheet HTML 16Page - Renesas Technology Corp ICS843404 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
843404AG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 17, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND
LVDS CLOCK GENERATOR
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
DD - 2V. For VDDO = 2.5V, the VDDO - 2V is very close to
ground level. The R3 in Figure 5B can be eliminated and the
termination is shown in Figure 5C.
FIGURE 5C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 5B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 5A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
R3
250
2.5V
VDDO=2.5V
Zo = 50 Ohm
R1
250
+
-
2,5V LVPECL
Driv er
R4
62.5
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-
VDDO=2.5V
R2
50
R1
50
2,5V LVPECL
Driv er
2.5V
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
R1
50
VDDO=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
Zo = 50 Ohm
+
-
ICS843404
LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
TSD
IDT™ / ICS™ LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
ICS843404
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com