Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87004 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS87004
Description  1:4, Differential-to-LVCMOS/LVT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS87004 Datasheet HTML 8Page - Renesas Technology Corp ICS87004 Datasheet HTML 9Page - Renesas Technology Corp ICS87004 Datasheet HTML 10Page - Renesas Technology Corp ICS87004 Datasheet HTML 11Page - Renesas Technology Corp ICS87004 Datasheet HTML 12Page - Renesas Technology Corp ICS87004 Datasheet HTML 13Page - Renesas Technology Corp ICS87004 Datasheet HTML 14Page - Renesas Technology Corp ICS87004 Datasheet HTML 15Page - Renesas Technology Corp ICS87004 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ICS87004AG REVISION C DECEMBER 1, 2009
14
©2009 Integrated Device Technology, Inc.
ICS87004 Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T8
13
Ordering Information Table - added Lead-Free marking.
6/16/04
A
T8
13
Ordering Information Table - corrected Lead-Free part number. Added Lead-Free note.
5/17/05
B
T5A
T5B
6
6
10
3.3V AC Characteristics Table - adjusted tPD parameter from 6ns max. to 6.2ns max.
2.5V AC Characteristics Table - adjusted tPD parameter from 6.7ns max. to 6.9ns max.
Added Recommendations for Unused Input and Output Pins section.
10/7/05
C
T4D
T5A, T5B
T8
6
7
11
13
Differential DC Characteristics Table - updated NOTES 1, 2.
AC Characteristics Tables - Static Phase Offset, split CLKx into 2 rows. Specs changed for
CLK1/nCLK1. Added Thermal note.
Updated Differential Clock Input Interface section.
Ordering Information Table - deleted “ICS” prefix from Part/Order Number column.
Converted datasheet format.
10/6/09
C
1
Features section - corrected output skew from 465ps ot 50ps (maximum)
12/1/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com