Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87004 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS87004
Description  1:4, Differential-to-LVCMOS/LVT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS87004 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS87004 Datasheet HTML 1Page - Renesas Technology Corp ICS87004 Datasheet HTML 2Page - Renesas Technology Corp ICS87004 Datasheet HTML 3Page - Renesas Technology Corp ICS87004 Datasheet HTML 4Page - Renesas Technology Corp ICS87004 Datasheet HTML 5Page - Renesas Technology Corp ICS87004 Datasheet HTML 6Page - Renesas Technology Corp ICS87004 Datasheet HTML 7Page - Renesas Technology Corp ICS87004 Datasheet HTML 8Page - Renesas Technology Corp ICS87004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
ICS87004AG REVISION C DECEMBER 1, 2009
1
©2009 Integrated Device Technology, Inc.
1:4, Differential-to-LVCMOS/LVTTL
Zero Delay Clock Generator
ICS87004
General Description
The ICS87004 is a highly versatile 1:4 Differential-
to-LVCMOS/LVTTL Clock Generator and a member of
the HiPerClockS® family of High Performance Clock
Solutions from IDT. The ICS87004 has two selectable
clock inputs. The CLK0, nCLK0 and CLK1, nCLK1
pairs can accept most standard differential input levels. Internal bias
on the nCLK0 and nCLK1 inputs allows the CLK0 and CLK1 inputs
to accept LVCMOS/LVTTL. The ICS87004 has a fully integrated PLL
and can be configured as zero delay buffer, multiplier or divider and
has an input and output frequency range of 15.625MHz to 250MHz.
The reference divider, feedback divider and output divider are each
programmable, thereby allowing for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external
feedback allows the device to achieve “zero delay” between the input
clock and the output clocks. The PLL_SEL pin can be used to
bypass the PLL for system test and debug purposes. In bypass
mode, the reference clock is routed around the PLL and into the
internal output dividers.
Features
• Four LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable CLK0/nCLK0 or CLK1/nCLK1 clock inputs
• CLKx/nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Internal bias on nCLK0 and nCLK1 to support LVCMOS/LVTTL
levels on CLK0 and CLK1 inputs
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration with
configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Fully integrated PLL
• Cycle-to-cycle jitter: 45ps (maximum)
• Output skew: 50ps (maximum)
• Static phase offset: 50ps ± 125ps (3.3V ± 5%), CLK0/nCLK0
• Full 3.3V or 2.5V output operating supply
• 5V tolerant inputs
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Q0
VDDO
SEL0
SEL1
SEL2
SEL3
CLK_SEL
VDD
CLK0
nCLK0
GND
Q1
VDDO
GND
Q2
VDDO
Q3
MR
FB_IN
PLL_SEL
CLK1
nCLK1
VDDA
ICS87004
24-Lead TSSOP
7.8mm x 4.4mm x 0.925mm package body
G Package
Top View
Block Diagram
0
1
Q0
Q1
Q2
Q3
PLL_SEL
FB_IN
SEL0
SEL1
SEL2
SEL3
MR
CLK0
nCLK0
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
÷2, ÷4, ÷8, ÷16
÷32, ÷64, ÷128
Pullup/Pulldown
Pulldown
CLK_SEL Pulldown
Pulldown
Pulldown
CLK1
nCLK1 Pullup/Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
0
1
Pin Assignment


Similar Part No. - ICS87004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS87004AG ICST-ICS87004AG Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS87004AGT ICST-ICS87004AGT Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
More results

Similar Description - ICS87004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com