Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91305 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS91305
Description  High Performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS91305 Datasheet HTML 1Page - Renesas Technology Corp ICS91305 Datasheet HTML 2Page - Renesas Technology Corp ICS91305 Datasheet HTML 3Page - Renesas Technology Corp ICS91305 Datasheet HTML 4Page - Renesas Technology Corp ICS91305 Datasheet HTML 5Page - Renesas Technology Corp ICS91305 Datasheet HTML 6Page - Renesas Technology Corp ICS91305 Datasheet HTML 7Page - Renesas Technology Corp ICS91305 Datasheet HTML 8Page - Renesas Technology Corp ICS91305 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS91305
0092H—12/02/08
Notes:
1.
Guaranteed by design and characterization. Not subject to 100% test.
2.
All Skew specifications are mesured with a 50
Ω transmission line, load teminated with 50Ω to 1.4V.
3.
Duty cycle measured at 1.4V.
4.
Skew measured at 1.4V on rising edges. Loading must be equal on outputs.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs (Except REF) . . . . . . . . . . . . . . GND –0.5 V to VDD + 0.5 V
Logic Input REF . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to GND + 5.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.6 V, TA = 0 – 70° C unless otherwise stated
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V L
I
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V H
I
0
.
2V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
I L
I
V N
I
V
0
=9
10
.
0
5A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
I H
I
V N
I
V
=
D
D
0
1
.
00
.
0
0
1A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
1
V L
O
I L
O
A
m
5
2
=5
2
.
04
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
V H
O
I H
O
A
m
5
2
=4
.
29
.
2V
y
l
p
p
u
S
n
w
o
D
r
e
w
o
P
t
n
e
r
r
u
C
I D
D
z
H
M
0
=
F
E
R3
.
00
.
0
5A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
I D
D
z
H
M
6
6
.
6
6
t
a
s
t
u
t
u
o
d
e
d
a
o
l
n
U
V
t
a
s
t
u
p
n
i
L
E
S
D
D
D
N
G
r
o
0
.
0
30
.
0
4A
m



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com