Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91305 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS91305
Description  High Performance Communication Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS91305 Datasheet HTML 1Page - Renesas Technology Corp ICS91305 Datasheet HTML 2Page - Renesas Technology Corp ICS91305 Datasheet HTML 3Page - Renesas Technology Corp ICS91305 Datasheet HTML 4Page - Renesas Technology Corp ICS91305 Datasheet HTML 5Page - Renesas Technology Corp ICS91305 Datasheet HTML 6Page - Renesas Technology Corp ICS91305 Datasheet HTML 7Page - Renesas Technology Corp ICS91305 Datasheet HTML 8Page - Renesas Technology Corp ICS91305 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ICS91305
0092H—12/02/08
Switching Characteristics
Notes:
1.
Guaranteed by design and characterization. Not subject to 100% test.
2.
REF input has a threshold voltage of 1.4V
3.
All parameters expected with loaded outputs
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SN
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
d
o
i
r
e
p
t
u
p
t
u
O1
tF
p
0
3
=
L
C
h
t
i
W
0
0
.
0
0
1
)
0
1
(
5
.
7
)
3
3
1
(
s
n
)
z
H
M
(
d
o
i
r
e
p
t
u
p
n
I1
tF
p
0
3
=
L
C
h
t
i
W
0
0
.
0
0
1
)
0
1
(
5
.
7
)
3
3
1
(
s
n
)
z
H
M
(
e
l
c
y
C
y
t
u
D
1
1
t
DF
p
0
3
=
L
C
;
V
4
.
1
t
a
d
e
r
u
s
a
e
M0
.
0
40
50
6%
e
l
c
y
C
y
t
u
D
1
2
t
Dz
H
M
6
.
6
6
<
t
u
o
F
2
/
D
D
V
t
a
d
e
r
u
s
a
e
M5
40
55
5%
e
m
i
T
e
s
i
R
1
1
r
t
:
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
F
p
0
3
=
L
C
2
.
15
.
1s
n
e
m
i
T
ll
a
F
1
1
f
t
;
V
8
.
0
d
n
a
V
0
.
2
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
F
p
0
3
=
L
C
2
.
15
.
1s
n
e
m
i
T
e
s
i
R
1
1
r
t
:
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
F
p
5
=
L
C
1s
n
e
m
i
T
ll
a
F
1
1
f
t
;
V
8
.
0
d
n
a
V
0
.
2
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
F
p
5
=
L
C
1s
n
g
n
i
s
i
R
F
E
R
,
y
a
l
e
D
T
U
O
K
L
C
o
t
e
g
d
E
e
g
d
E
g
n
i
s
i
R
,
12
1
r
DV
4
.
1
t
a
d
e
r
u
s
a
e
M0
0
5
3
±s
p
t
u
p
t
u
O
o
t
t
u
p
t
u
O
w
e
k
S
1
w
e
k
s
T
,
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
F
p
0
2
=
L
C
0
5
2s
p
e
c
i
v
e
D
o
t
e
c
i
v
e
D
w
e
k
S
1
k
s
d
T
-
k
s
d
T
s
n
i
p
T
U
O
K
L
C
e
h
t
n
o
2
/
D
D
V
t
a
d
e
r
u
s
a
e
M
s
e
c
i
v
e
d
f
o
00
0
7s
p
e
l
c
y
C
o
t
e
l
c
y
C
r
e
t
t
i
J
1
c
y
c
T
-
c
y
c
Ts
t
u
p
t
u
o
d
e
d
a
o
l
,
z
H
M
6
6
.
6
6
t
a
d
e
r
u
s
a
e
M
0
0
2s
p
e
m
i
T
k
c
o
L
L
L
P
1
K
C
O
L
t
d
e
t
n
e
s
e
r
p
k
c
o
l
c
d
il
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
n
i
p
F
E
R
n
o
0
.
1s
m
e
t
u
l
o
s
b
A
;
r
e
t
t
i
J
r
e
t
t
i
J
1
s
b
a
j
T
s
e
l
c
y
c
0
0
0
,
0
1
@
F
p
0
3
=
L
C
0
0
1
-0
70
0
1s
p
a
m
g
i
S
-
1
;
r
e
t
t
i
J
1
s
1
j
T
s
e
l
c
y
c
0
0
0
,
0
1
@
F
p
0
3
=
L
C
4
10
3s
p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com