Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91309 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS91309
Description  High Performance Communication Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91309 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS91309 Datasheet HTML 3Page - Renesas Technology Corp ICS91309 Datasheet HTML 4Page - Renesas Technology Corp ICS91309 Datasheet HTML 5Page - Renesas Technology Corp ICS91309 Datasheet HTML 6Page - Renesas Technology Corp ICS91309 Datasheet HTML 7Page - Renesas Technology Corp ICS91309 Datasheet HTML 8Page - Renesas Technology Corp ICS91309 Datasheet HTML 9Page - Renesas Technology Corp ICS91309 Datasheet HTML 10Page - Renesas Technology Corp ICS91309 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ICS91309
0093H—12/09/08
MIN
MAX
MIN
MAX
A
1.35
1.75
.053
.069
A1
0.1
0.25
.0040
.010
A2
—
1.50
—
.059
b
0.20
0.30
.008
.012
c
0.18
0.25
.007
.010
D
E
5.80
6.20
.228
.244
E1
3.80
4.00
.150
.157
e
0.635 BASIC
0.025 BASIC
L
0.40
1.27
.016
.050
N
α
0°
8°
0°
8°
ZD
SEE VARIATIONS
SEE VARIATIONS
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Inches
COMMON DIMENSIONS
In Millimeters
COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
VARIATIONS
ZD
ZD
MIN
MAX
(Ref)
MIN
MAX
(Ref)
16
4.80
5.00
0.23
.189
.197
.009
6/1/00
REV B
N
D mm.
D (inch)
JEDEC MO-137
DOC# 10-0032
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
XXXX y F LF T
Ordering Information
91309yFLFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com