Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91309 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS91309
Description  High Performance Communication Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91309 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS91309 Datasheet HTML 1Page - Renesas Technology Corp ICS91309 Datasheet HTML 2Page - Renesas Technology Corp ICS91309 Datasheet HTML 3Page - Renesas Technology Corp ICS91309 Datasheet HTML 4Page - Renesas Technology Corp ICS91309 Datasheet HTML 5Page - Renesas Technology Corp ICS91309 Datasheet HTML 6Page - Renesas Technology Corp ICS91309 Datasheet HTML 7Page - Renesas Technology Corp ICS91309 Datasheet HTML 8Page - Renesas Technology Corp ICS91309 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS91309
0093H—12/09/08
Pin Descriptions
PIN # PIN NAME
PIN TYPE
DESCRIPTION
1
REF
1
IN
Input reference frequency, 5V tolerant input
2
CLKA1
2
OUT
Buffered clock output, Bank A
3
CLKA2
2
OUT
Buffered clock output, Bank A
4, 13 VDD
PWR
Power Supply
5, 12 GND
PWR
Ground
6
CLKB1
2
OUT
Buffered clock output, Bank B
7
CLKB2
2
OUT
Buffered clock output, Bank B
8
FS2
3
IN
Function select input, bit 2
9
FS1
3
IN
Function select input, bit 1
10
CLKB3
2
OUT
Buffered clock output, Bank B
11
CLKB4
2
OUT
Buffered clock output, Bank B
14
CLKA3
2
OUT
Buffered clock output, Bank A
15
CLKA4
2
OUT
Buffered clock output, Bank A
16
CLKOUT
2
OUT
Buffered clock output, internal feedback
Notes:
1. Weak pull-down
2. Weak pull-down on all outputs
3. Weak pull-ups on these inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com