Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-27 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9250-27
Description  Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-27 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9250-27 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 14Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 15Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
IDTTM
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
0395F—01/25/10
ICS9250-27
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
14
Ordering Information
9250yF-27LF-T
Designation for tape and reel packaging
RoHS Compliant (Optional)
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 to 7 digit numbers)
Example:
XXXX y F - PPP LF - T
MIN
MAX
MIN
M AX
A
2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c
0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
h
0.38
0.64
.015
.025
L
0.50
1.02
.020
.040
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
M AX
56
18.31
18.55
.720
.730
10-0034
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
In Millimeters
In Inc hes
COMM ON DIMENSIONS
R eference D oc.: JEDEC Publication 95, MO-118
56-Lead, 300 m il Body, 25 m il, SSOP
N
SEE VARIATIONS
SEE VARIATIONS
D m m.
D (inch)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com