Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-27 Datasheet (PDF) - Renesas Technology Corp

ICS9250-27 Datasheet PDF - Renesas Technology Corp
Part # ICS9250-27
Download  ICS9250-27 Download
File Size   334.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator and Integrated Buffers for Celeron & PII/IIITM

ICS9250-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-27 Datasheet PDF - Renesas Technology Corp

Part # ICS9250-27
Download  ICS9250-27 Click to download

File Size   334.06 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator and Integrated Buffers for Celeron & PII/IIITM

ICS9250-27 Datasheet (HTML) - Renesas Technology Corp


ICS9250-27 Product details

Output Features:
• 3 CPU (2.5V) (up to 133MHz achievable through I2C)
• 9 SDRAM (3.3V) (up to 133MHz achievable through I2
C)
• 7 PCI (3.3 V) @33.3MHz
• 2 IOAPIC (2.5V) @ 33.3 MHz
• 3 Hublink clocks (3.3 V) @ 66.6 MHz
• 2 (3.3V) @ 48 MHz (Non spread spectrum)
• 1 REF (3.3V) @ 14.318 MHz
Features:
• Supports spread spectrum modulation, 0 to -0.5% down spread.
• I2
C support for power management
• Efficient power management scheme through PD#
• Uses external 14.138 MHz crystal
• Alternate frequency selections available through I2C control.




Similar Part No. - ICS9250-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
logo
Integrated Device Techn...
ICS9250-27 IDT-ICS9250-27 Datasheet
200Kb / 15P
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
More results


Similar Description - ICS9250-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-112 ICST-ICS9248-112 Datasheet
384Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 2/7/00
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
logo
Integrated Device Techn...
ICS9250-27 IDT-ICS9250-27 Datasheet
200Kb / 15P
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com