Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-27 Datasheet (PDF) - Integrated Device Technology

ICS9250-27 Datasheet PDF - Integrated Device Technology
Part # ICS9250-27
Download  ICS9250-27 Download
File Size   200.65 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator and Integrated Buffers for Celeron & PII/IIITM

ICS9250-27 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-27 Datasheet PDF - Integrated Device Technology

Part # ICS9250-27
Download  ICS9250-27 Click to download

File Size   200.65 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Frequency Generator and Integrated Buffers for Celeron & PII/IIITM

ICS9250-27 Datasheet (HTML) - Integrated Device Technology


ICS9250-27 Product details

General Description
The ICS9250-27 is a single chip clock solution for 810/810E and 815 type chipset. It provides all necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces EMI by 8dB to 10 dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250- 27 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.

Output Features:
• 3 CPU (2.5V) (up to 133MHz achievable through I2C)
• 9 SDRAM (3.3V) (up to 133MHz achievable through I2C)
• 7 PCI (3.3 V) @33.3MHz
• 2 IOAPIC (2.5V) @ 33.3 MHz
• 3 Hublink clocks (3.3 V) @ 66.6 MHz
• 2 (3.3V) @ 48 MHz (Non spread spectrum)
• 1 REF (3.3V) @ 14.318 MHz

Features:
• Supports spread spectrum modulation, 0 to -0.5% down spread.
• I2C support for power management
• Efficient power management scheme through PD#
• Uses external 14.138 MHz crystal
• Alternate frequency selections available through I2C control.

Recommended Application:
   810/810E and 815 type chipset.




Similar Part No. - ICS9250-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
logo
Renesas Technology Corp
ICS9250-27 RENESAS-ICS9250-27 Datasheet
334Kb / 16P
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
01/25/10
More results


Similar Description - ICS9250-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-112 ICST-ICS9248-112 Datasheet
384Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 2/7/00
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
logo
Renesas Technology Corp
ICS9250-27 RENESAS-ICS9250-27 Datasheet
334Kb / 16P
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
01/25/10
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com