Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93705 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS93705
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93705 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS93705 Datasheet HTML 1Page - Renesas Technology Corp ICS93705 Datasheet HTML 2Page - Renesas Technology Corp ICS93705 Datasheet HTML 3Page - Renesas Technology Corp ICS93705 Datasheet HTML 4Page - Renesas Technology Corp ICS93705 Datasheet HTML 5Page - Renesas Technology Corp ICS93705 Datasheet HTML 6Page - Renesas Technology Corp ICS93705 Datasheet HTML 7Page - Renesas Technology Corp ICS93705 Datasheet HTML 8Page - Renesas Technology Corp ICS93705 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS93705
0418D—04/28 /05
Pin Descriptions
Byte 0: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
Byte 1: Output Control
(1= enable, 0 = disable)
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B-
1
d
e
v
r
e
s
e
R
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
,
5
2
,
4
2
,
8
1
,
8
,
7
,
1
8
4
,
2
4
,
1
4
,
1
3
D
N
GR
W
Pd
n
u
o
r
G
,
7
4
,
3
4
,
0
4
,
0
3
,
6
2
2
,
6
,
9
,
9
1
,
3
2
)
0
:
9
(
C
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
,
6
4
,
4
4
,
9
3
,
9
2
,
7
2
3
,
5
,
0
1
,
0
2
,
2
2
)
0
:
9
(
T
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
,
8
2
,
1
2
,
5
1
,
1
1
,
4
,
5
4
,
8
3
,
4
3
D
D
VR
W
PV
5
.
2
y
l
p
p
u
s
r
e
w
o
P
2
1K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
3
1T
N
I
_
K
L
CN
It
u
p
n
i
t
n
a
r
e
l
o
t
V
3
.
3
,
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
e
u
r
T
"
6
3
,
2
3
,
4
1C
/
N-
d
e
t
c
e
n
n
o
c
t
o
N
6
1D
D
V
AR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
7
1D
N
G
AR
W
P.
d
n
u
o
r
g
g
o
l
a
n
A
3
3T
T
U
O
_
B
FT
U
O
t
a
s
e
h
c
t
i
w
s
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
e
u
r
T
"
.
T
N
I
_
B
F
o
t
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
5
3T
N
I
_
B
FN
I
r
o
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
e
u
r
T
"
.
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
T
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
7
3A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com