Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93705 Datasheet (PDF) - Renesas Technology Corp

ICS93705 Datasheet PDF - Renesas Technology Corp
Part # ICS93705
Download  ICS93705 Download
File Size   343.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR Phase Lock Loop Zero Delay Clock Buffer

ICS93705 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93705 Datasheet PDF - Renesas Technology Corp

Part # ICS93705
Download  ICS93705 Click to download

File Size   343.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR Phase Lock Loop Zero Delay Clock Buffer

ICS93705 Datasheet (HTML) - Renesas Technology Corp


ICS93705 Product details

Product Description/Features:
• Low skew, low jitter PLL clock driver
• I2
C for functional and output control
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs
• 3.3V tolerant CLK_INT input
Switching Characteristics:
• PEAK - PEAK jitter (66MHz): <120ps
• PEAK - PEAK jitter (>100MHz): <75ps
• CYCLE - CYCLE jitter (66MHz):<120ps
• CYCLE - CYCLE jitter (>100MHz):<65ps
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time: 450ps - 950ps
• DUTY CYCLE: 49% - 51%




Similar Part No. - ICS93705

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705YF-T ICST-ICS93705YF-T Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
More results


Similar Description - ICS93705

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com