Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93735 Datasheet (PDF) - Integrated Circuit Systems

ICS93735 Datasheet PDF - Integrated Circuit Systems
Part # ICS93735
Download  ICS93735 Download
File Size   126.1 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR Phase Lock Loop Zero Delay Clock Buffer

ICS93735 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93735 Datasheet PDF - Integrated Circuit Systems

Part # ICS93735
Download  ICS93735 Click to download

File Size   126.1 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR Phase Lock Loop Zero Delay Clock Buffer

ICS93735 Datasheet (HTML) - Integrated Circuit Systems


ICS93735 Product details

Product Description/Features:
• Low skew, low jitter PLL clock driver
• Max frequency supported = 266MHz (DDR 533)
• I2C for functional and output control
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs
• 3.3V tolerant CLK_INT input

Recommended Application:
    DDR Zero Delay Clock Buffer




Similar Part No. - ICS93735

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
ICS93735YFLF-T RENESAS-ICS93735YFLF-T Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Similar Description - ICS93735

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com