Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93735 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS93735
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93735 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS93735 Datasheet HTML 1Page - Integrated Circuit Systems ICS93735 Datasheet HTML 2Page - Integrated Circuit Systems ICS93735 Datasheet HTML 3Page - Integrated Circuit Systems ICS93735 Datasheet HTML 4Page - Integrated Circuit Systems ICS93735 Datasheet HTML 5Page - Integrated Circuit Systems ICS93735 Datasheet HTML 6Page - Integrated Circuit Systems ICS93735 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS93735
0579E—08/06/03
Absolute Maximum Ratings
Supply Voltage (VDD & AVDD) . . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above
those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Electrical Characteristics - Input / Supply / Common Output parameters
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RT = 120W, CL = 12 pF at 100MHz
236
300
RT = 120W, CL = 12 pF at 133MHz
263
300
IDDPD
CL=0 pF
100
mA
Output High Current
IOH
VDD = 2.5V, VOUT = 1V
-48
-33
-29
mA
Output Low Current
IOL
VDD = 2.5V, VOUT = 1.2V
29
33
37
mA
High Impedance
Ouptut Current
VDD = min to max, IOH = -1mA
22.25
V
VDD = 2.3V, IOH = -12mA
1.95
VDD = min to max, IOH = 1mA
0.05
0.1
V
VDD = 2.3V, IOH = 12mA
0.3
0.4
Output Capacitance
1
COUT
VI = VDD or GND
3
pF
1. Guaranteed by design, not 100% tested in production.
mA
10
VOH
mA
IDD2.5
Operating Supply Current
IOZ
VDD = 2.7V, VOUT = VDD or GND
Low-level Output Voltage
VOL
High-level Output Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com