Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93722 Datasheet (PDF) - Integrated Circuit Systems

ICS93722 Datasheet PDF - Integrated Circuit Systems
Part # ICS93722
Download  ICS93722 Download
File Size   54.59 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost DDR Phase Lock Loop Zero Delay Buffer

ICS93722 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93722 Datasheet PDF - Integrated Circuit Systems

Part # ICS93722
Download  ICS93722 Click to download

File Size   54.59 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost DDR Phase Lock Loop Zero Delay Buffer

ICS93722 Datasheet (HTML) - Integrated Circuit Systems


ICS93722 Product details

Product Description/Features:
• Low skew, low jitter PLL clock driver
• I2C for functional and output control
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs
• 3.3V tolerant CLK_INT input

Switching Characteristics:
• PEAK - PEAK jitter (66MHz): <120ps
• PEAK - PEAK jitter (>100MHz): <75ps
• CYCLE - CYCLE jitter (66MHz):<110ps
• CYCLE - CYCLE jitter (>100MHz):<65ps
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time: 650ps - 950ps
• DUTY CYCLE: 49.5% - 50.5%




Similar Part No. - ICS93722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
logo
Integrated Circuit Syst...
ICS93725YFT ICST-ICS93725YFT Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
Renesas Technology Corp
ICS93725YFT RENESAS-ICS93725YFT Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
More results


Similar Description - ICS93722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com