Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93722 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93722
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93722 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93722 Datasheet HTML 1Page - Integrated Circuit Systems ICS93722 Datasheet HTML 2Page - Integrated Circuit Systems ICS93722 Datasheet HTML 3Page - Integrated Circuit Systems ICS93722 Datasheet HTML 4Page - Integrated Circuit Systems ICS93722 Datasheet HTML 5Page - Integrated Circuit Systems ICS93722 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ICS9372 2
0539E—07/18/03
Recommended Operating Conditions
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog / Core Supply Voltage
VDD, AVDD
2.3
2.5
2.7
V
VIL
VDD/2 - 0.5V
V
VIH
VDD/2 + 0.5V
V
Inpu Duty Cycle
IDC
40
60
Input max jitter
ITCYC
500
ps
Input Voltage Level
Timing Requirements
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Clock Frequency
1
freqop
66
200
MHz
Input Clock Duty Cycle
1
dtin
40
60
%
Clock Stabilization
1
tSTAB
from VDD = 2.5V to 1% target
frequency
100
µs
1. Guaranteed by design, not 100% tested in production.
Switching Characteristics
TA = 0 - 70°C; Supply Voltage VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66 MHz
120
100 - 200 MHz
75
66 MHz
50
110
100 - 200 MHz
25
65
Phase Error
1
t(phase error)
CLK_INT to FB_INT
-150
50
150
ps
Output to output Skew
1
Tskew
VT = 50%
70
100
ps
Pulse Skew
1
Tskewp
100
ps
VT = 50%, 66 MHz to 100 MHz
49.5
50
50.5
VT = 50%, 101 MHz to 167 MHz
49
50
51
Single-ended 20 - 80 %
Load = 120
Ω / 12 pF
1. Guaranteed by design, not 100% tested in production.
2. Refers to transistion on non-inverting output.
3. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies.
This is due to the formula: duty cycle = twH / tC, where the cycle time (tC) decreases as the frequency increases.
Duty Cycle (differential)
1,3
950
ps
%
DC
Rise Time, Fall Time
1
tR, tF
450
550
Absolute Jitter
1
Tjabs
ps
Cycle to cycle Jitter
1,2
Tcyc-cyc
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com