Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93722 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS93722
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93722 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS93722 Datasheet HTML 1Page - Integrated Circuit Systems ICS93722 Datasheet HTML 2Page - Integrated Circuit Systems ICS93722 Datasheet HTML 3Page - Integrated Circuit Systems ICS93722 Datasheet HTML 4Page - Integrated Circuit Systems ICS93722 Datasheet HTML 5Page - Integrated Circuit Systems ICS93722 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ICS9372 2
0539E—07/18/03
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
8
2
,
5
1
,
1
1
,
6D
N
GR
W
Pd
n
u
o
r
G
1
,
5
,
4
1
,
6
1
,
5
2
,
7
2)
0
:
5
(
C
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
2
,
4
,
3
1
,
7
1
,
4
2
,
6
2)
0
:
5
(
T
K
L
CT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
3
2
,
2
1
,
3D
D
VR
W
PV
5
.
2
y
l
p
p
u
s
r
e
w
o
P
7
K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
8T
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
e
u
r
T
"
1
2
,
8
1
,
9C
/
N-
d
e
t
c
e
n
n
o
c
t
o
N
0
1A
D
D
VR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
9
1T
T
U
O
_
B
FT
U
O
t
a
s
e
h
c
t
i
w
s
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
e
u
r
T
"
.
T
N
I
_
B
F
o
t
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
0
2T
N
I
_
B
FN
I
r
o
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
e
u
r
T
"
.
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
T
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
2
2
A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
l
a
i
r
e
s
C
Byte 5: Output Control
(1= enable, 0 = disable)
Byte 6: Output Control
(1= enable, 0 = disable)
Note: PWD = Power Up Default
Bytes 0 to 4 are reserved power up default = 1.
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B1
,
21
)
C
&
T
(
0
K
L
C
6
t
i
B5
,
41
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B4
1
,
3
11
)
C
&
T
(
2
K
L
C
2
t
i
B6
1
,
7
11
)
C
&
T
(
3
K
L
C
1
t
i
B-
1
d
e
v
r
e
s
e
R
0
t
i
B-
1
d
e
v
r
e
s
e
R
T
I
B#
N
I
PD
W
PN
O
I
T
P
I
R
C
S
E
D
7
t
i
B-
1
d
e
v
r
e
s
e
R
6
t
i
B-
1
d
e
v
r
e
s
e
R
5
t
i
B-
1
d
e
v
r
e
s
e
R
4
t
i
B-
1
d
e
v
r
e
s
e
R
3
t
i
B
,
4
2
5
2
1)
C
&
T
(
4
K
L
C
2
t
i
B-
1
d
e
v
r
e
s
e
R
1
t
i
B
,
6
2
7
2
1)
C
&
T
(
5
K
L
C
0
t
i
B-
1
d
e
v
r
e
s
e
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com