Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93725 Datasheet (PDF) - Renesas Technology Corp

ICS93725 Datasheet PDF - Renesas Technology Corp
Part # ICS93725
Download  ICS93725 Download
File Size   99.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR and SDRAM Zero Delay Buffer

ICS93725 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93725 Datasheet PDF - Renesas Technology Corp

Part # ICS93725
Download  ICS93725 Click to download

File Size   99.94 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR and SDRAM Zero Delay Buffer

ICS93725 Datasheet (HTML) - Renesas Technology Corp


ICS93725 Product details

Product Description/Features:
• Low skew, Zero Delay Buffer
• 1 to 13 SDRAM PC133 clock distribution
• 1 to 6 pairs of DDR clock distribution
• I2C for functional and output control
• Separate feedback path for both memory mode to adjust synchronization.
• Supports up to 2 DDR DIMMs or 3 SDRAM DIMMs
• Frequency support for up to 200MHz (DDR 400)
• Individual I2C clock stop for power mananagement
• CMOS level control signal input
Switching Characteristics:
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time for DDR outputs: 550ps - 1150ps
• DUTY CYCLE: 47% - 53%




Similar Part No. - ICS93725

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
ICS93725YFT ICST-ICS93725YFT Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
More results


Similar Description - ICS93725

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
Zero Delay SDR/DDR Clock Buffer
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
ICS93738 ICST-ICS93738 Datasheet
67Kb / 8P
DDR and SDRAM Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
logo
Renesas Technology Corp
ICS93718 RENESAS-ICS93718 Datasheet
231Kb / 10P
DDR and SDRAM Buffer
02/11/07
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com