Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93738 Datasheet (PDF) - Integrated Circuit Systems

ICS93738 Datasheet PDF - Integrated Circuit Systems
Part # ICS93738
Download  ICS93738 Download
File Size   67.03 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR and SDRAM Buffer

ICS93738 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93738 Datasheet PDF - Integrated Circuit Systems

Part # ICS93738
Download  ICS93738 Click to download

File Size   67.03 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DDR and SDRAM Buffer

ICS93738 Datasheet (HTML) - Integrated Circuit Systems


ICS93738 Product details

Product Description/Features:
• Low skew, fanout buffer
• 1 to 12 differential clock distribution
• I2C for functional and output control
• Feedback pin for input to output synchronization
• Supports up to 4 DDR DIMMs or 3 SDRAM DIMMs + 2 DDR DIMMs
• Frequency supports up to 200MHz (DDR400)
• Supports Power Down Mode for power mananagement
• CMOS level control signal input

Switching Characteristics:
• OUTPUT - OUTPUT skew: <100ps SDRAM OUTPUT - OUTPUT skew: <150ps DDR
• Output Rise and Fall Time for DDR outputs: 600ps - 950ps
• DUTY CYCLE: 47% - 53% DDR DUTY CYCLE: 45%- 55% SDRAM




Similar Part No. - ICS93738

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results


Similar Description - ICS93738

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Integrated Device Techn...
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Renesas Technology Corp
ICS93718 RENESAS-ICS93718 Datasheet
231Kb / 10P
DDR and SDRAM Buffer
02/11/07
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com