Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93738 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS93738
Description  DDR and SDRAM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93738 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS93738 Datasheet HTML 1Page - Integrated Circuit Systems ICS93738 Datasheet HTML 2Page - Integrated Circuit Systems ICS93738 Datasheet HTML 3Page - Integrated Circuit Systems ICS93738 Datasheet HTML 4Page - Integrated Circuit Systems ICS93738 Datasheet HTML 5Page - Integrated Circuit Systems ICS93738 Datasheet HTML 6Page - Integrated Circuit Systems ICS93738 Datasheet HTML 7Page - Integrated Circuit Systems ICS93738 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS93738
0689A—01/09/03
Electrical Characteristics - Input / Supply / Common Output Parameters - DDR
SEL_DDR=1, DDR/DDR_SDRAM Outputs, VDD3.3_2.5 = 2.5V, TA = 0 - 85
oC (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VIN = VDD or GND
10
µA
Input Low Current
IIL
VIN = VDD or GND
-100
µA
IDD3.3_2.5
CL = 0 pF at 133 MHz
125
200
mA
IDD2.5
CL = 0 pF at 133 MHz
90
200
mA
IDDPD
CL = 0 pF
010
µA
Output High Current
IOH
VDD = 2.5V, VOUT = 1V
-18
mA
Output High Current
IOL
VDD = 2.5V, VOUT = 1.2V
26
mA
High-level Output Voltage
VOH
VDD = 2.5V, IOH = -12mA
1.7
V
Low-level Output Voltage
VOL
VDD = 2.5V, IOL = 12mA
0.46
V
Output differential-pair
crossing voltage
1
CIN
VDD/2 -
0.1
1.2
VDD/2 +
0.1
V
Input Capacitance
1
CIN
VIN = VDD or GND
pF
1. Guaranteed by design, not 100% tested in production.
Operating Supply Current
Recommended Operating Conditions - DDR
SEL_DDR=1, DDR/DDR_SDRAM Outputs, VDD3.3_2.5 = 2.5V, TA = 0 - 85
oC (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3_2.5
2.3
2.5
2.7
VDD2.5
2.5
2.5
2.7
Input High Voltage
VIH
SEL_DDR, PD# inputs
2
V
Input Low Voltage
VIL
SEL_DDR, PD# inputs
0.8
V
Input Voltage Level
VIN
V
Power Supply Voltage
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com