Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93738 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93738
Description  DDR and SDRAM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93738 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93738 Datasheet HTML 1Page - Integrated Circuit Systems ICS93738 Datasheet HTML 2Page - Integrated Circuit Systems ICS93738 Datasheet HTML 3Page - Integrated Circuit Systems ICS93738 Datasheet HTML 4Page - Integrated Circuit Systems ICS93738 Datasheet HTML 5Page - Integrated Circuit Systems ICS93738 Datasheet HTML 6Page - Integrated Circuit Systems ICS93738 Datasheet HTML 7Page - Integrated Circuit Systems ICS93738 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS93738
0689A—01/09/03
Absolute Maximum Ratings
Supply Voltage (VDD & VDD2.5) . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . 0°C to +85°C
Case Temperature . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above
those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Electrical Characteristics - Input / Supply / Common Output Parameters - SDRAM
SEL_DDR=0, SDRAM Outputs, VDD3.3_2.5 = 3.3V, TA = 0 - 85
oC (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VIN = VDD or GND
10
µA
Input Low Current
IIL
VIN = VDD or GND
-100
µA
IDD3.3_2.5
CL = 0 pF at 133 MHz
170
250
mA
IDD2.5
CL = 0 pF at 133 MHz
90
200
mA
IDDPD
CL = 0 pF
010
µA
Output High Current
IOH
VDD = 3.3V, VOUT = 1V
-18
mA
Output Low Current
IOL
VDD = 3.3V, VOUT = 1.2V
26
mA
High-level Output Voltage
VOH
VDD = 3.3V, IOH = -12mA
2V
Low-level Output Voltage
VOL
VDD = 3.3V, IOL = 12mA
0.4
V
Input Capacitance
1
CIN
VIN = VDD or GND
pF
1. Guaranteed by design, not 100% tested in production.
Operating Supply Current
Recommended Operating Conditions - SDRAM
SEL_DDR=0, SDRAM Outputs, VDD3.3_2.5 = 3.3V, TA = 0 - 85
oC (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3_2.5
33.3
3.6
VDD2.5
2.5
2.5
2.7
Input High Voltage
VIH
SEL_DDR, PD# inputs
2
V
Input Low Voltage
VIL
SEL_DDR, PD# inputs
0.8
V
Input Voltage Level
VIN
V
Power Supply Voltage
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com