Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93738 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS93738
Description  DDR and SDRAM Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93738 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS93738 Datasheet HTML 1Page - Integrated Circuit Systems ICS93738 Datasheet HTML 2Page - Integrated Circuit Systems ICS93738 Datasheet HTML 3Page - Integrated Circuit Systems ICS93738 Datasheet HTML 4Page - Integrated Circuit Systems ICS93738 Datasheet HTML 5Page - Integrated Circuit Systems ICS93738 Datasheet HTML 6Page - Integrated Circuit Systems ICS93738 Datasheet HTML 7Page - Integrated Circuit Systems ICS93738 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS93738
0689A—01/09/03
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1T
U
O
_
B
FT
U
Ok
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
,
3
2
,
7
1
,
2
1
,
8
,
25
.
2
_
3
.
3
D
D
VR
W
P
s
n
i
p
o
t
y
l
p
p
u
s
e
g
a
t
l
o
v
V
3
.
3
r
o
V
5
.
2
2
2
,
1
2
,
0
2
,
9
1
,
6
1
,
5
1
,
1
1
,
0
1
,
7
,
6
,
5
,
4
,
6
2
,
8
1
,
4
1
,
9
,
3
6
4
,
0
4
,
5
3
,
1
3
D
N
GR
W
Pd
n
u
o
r
G
,
9
3
,
3
4
,
5
4
,
8
2
,
0
3
,
4
3
T
R
D
D)
6
:
1
1
(T
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
,
8
3
,
2
4
,
4
4
,
7
2
,
9
2
,
3
3
)
6
:
1
1
(
C
R
D
DT
U
O.
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"
4
,
6
,
0
1
,
5
1
,
9
1
,
1
2
)
0
:
5
(
T
R
D
D
)
0
,
2
,
4
,
6
,
8
,
0
1
(
M
A
R
D
S
T
U
O
M
A
R
D
S
V
3
.
3
r
o
,
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
t
u
p
n
i
R
D
D
_
L
E
S
n
o
g
n
i
d
n
e
p
e
d
s
t
u
p
t
u
o
k
c
o
l
c
5
,
7
,
1
1
,
6
1
,
0
2
,
2
2
)
0
:
5
(
C
R
D
D
,
3
,
5
,
7
,
9
,
1
1
(
M
A
R
D
S
)
,
1
T
U
O
s
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"V
3
.
3
r
o
,
t
u
p
n
i
R
D
D
_
L
E
S
n
o
g
n
i
d
n
e
p
e
d
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
3
1N
I
_
F
U
BN
It
u
p
n
i
r
e
f
f
u
b
d
e
d
n
e
e
l
g
n
i
S
4
2A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
5
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
7
4
,
1
4
,
7
3
,
2
35
.
2
D
D
VR
W
Py
l
p
p
u
s
e
g
a
t
l
o
v
V
5
.
2
6
3#
D
PN
I
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
e
c
i
v
e
d
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
l
b
a
s
i
d
.
s
m
3
n
a
h
t
8
4R
D
D
_
L
E
SN
I
e
d
o
m
D
S
/
R
D
D
r
o
e
d
o
m
R
D
D
r
o
f
t
u
p
n
i
t
c
e
l
e
S
e
d
o
m
R
D
D
=
1
e
d
o
m
D
S
/
R
D
D
=
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com