Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet (PDF) - Renesas Technology Corp

ICS93718 Datasheet PDF - Renesas Technology Corp
Part # ICS93718
Download  ICS93718 Download
File Size   231.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR and SDRAM Buffer

ICS93718 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93718 Datasheet PDF - Renesas Technology Corp

Part # ICS93718
Download  ICS93718 Click to download

File Size   231.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DDR and SDRAM Buffer

ICS93718 Datasheet (HTML) - Renesas Technology Corp


ICS93718 Product details

Output Features
DDR & SDRAM fanout buffer, for VIA Pro 266, KT266 and P4X266
DDR chipsets
• Low skew, fanout buffer
• 1 to 12 differential clock distribution
• I2C for functional and output control
• Feedback pin for input to output synchronization
• Supports up to 4 DDR DIMMs or 3 SDRAM DIMMs + 2
DDR DIMMs
• Frequency supports up to 200MHz (DDR400)
• Supports Power Down Mode for power mananagement
• CMOS level control signal input
Key Specifications
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time for DDR outputs: 500ps - 700ps
• DUTY CYCLE: 47% - 53%
• 48-pin SSOP package
• Available in RoHS compliant packaging




Similar Part No. - ICS93718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93718YFT ICST-ICS93718YFT Datasheet
104Kb / 8P
DDR and SDRAM Buffer
logo
Integrated Device Techn...
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
More results


Similar Description - ICS93718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
ICS93738 ICST-ICS93738 Datasheet
67Kb / 8P
DDR and SDRAM Buffer
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Integrated Device Techn...
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com