Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93718 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS93718 Datasheet HTML 2Page - Renesas Technology Corp ICS93718 Datasheet HTML 3Page - Renesas Technology Corp ICS93718 Datasheet HTML 4Page - Renesas Technology Corp ICS93718 Datasheet HTML 5Page - Renesas Technology Corp ICS93718 Datasheet HTML 6Page - Renesas Technology Corp ICS93718 Datasheet HTML 7Page - Renesas Technology Corp ICS93718 Datasheet HTML 8Page - Renesas Technology Corp ICS93718 Datasheet HTML 9Page - Renesas Technology Corp ICS93718 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IDTTM/ICSTM DDR and SDRAM Buffer
ICS93718
REV E 02/11/07
ICS93718
DDR and SDRAM Buffer
SEL_DDR = 1 DDR/DDR_SDRAM Outputs VDD=2.5, TA = 0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
110
µA
Input Low Current
IIL
VI
= V
DD or GND
-100
-25
µA
IDD2.5
CL = 0pf, 133MHz
76
200
mA
IDDPD
CL = 0pf, all
310
mA
Output High Current
IOH
VDD = 2.5V
, V
OUT = 1V
-74.5
-18
mA
Output Low Current
IOL
VDD = 2.5V
, V
OUT =
26
42.5
mA
VDD = 2.5V,
VOH = -12mA
VDD = 2.5V
IOH = 12mA
Output differential-pair crossing
voltage
VOC
(VDD/2) –0.1
1.25
(VDD/2) +0.1
V
Input Capacitance
1
CIN
VI = GND or VDD
2pF
1Guaranteed by design, not 100% tested in production.
V
Low-level output voltage
VOL
0.46
2.3
0.35
Operating Supply Current
High-level output voltage
VOH
1.7
SEL_DDR=1 DDR/DDR_SDRAM Outputs = 2.5V, TA = 0 - 85°C (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD3.3_2.5
2.3
2.5
2.7
VDD2.5
2.3
2.5
2.7
Input High Voltage
VIH
SEL_DDR, PD# input
2.0
V
Input Low Voltage
VIL
SEL_DDR, PD# input
0.8
V
Input voltage level
VIN
VDD
V
1Guaranteed by design, not 100% tested in production.
V
Power Supply Voltage
Electrical Characteristics - Input/Supply/Common Output Parameters
Recommended Operating Condition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com