Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93718 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS93718 Datasheet HTML 1Page - Renesas Technology Corp ICS93718 Datasheet HTML 2Page - Renesas Technology Corp ICS93718 Datasheet HTML 3Page - Renesas Technology Corp ICS93718 Datasheet HTML 4Page - Renesas Technology Corp ICS93718 Datasheet HTML 5Page - Renesas Technology Corp ICS93718 Datasheet HTML 6Page - Renesas Technology Corp ICS93718 Datasheet HTML 7Page - Renesas Technology Corp ICS93718 Datasheet HTML 8Page - Renesas Technology Corp ICS93718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS93718
IDTTM/ICSTM DDR and SDRAM buffer
ICS93718
REV E 02/11/07
DDR and SDRAM Buffer
DATASHEET
Description
Output Features
DDR & SDRAM fanout buffer, for VIA Pro 266, KT266 and P4X266
DDR chipsets
•
Low skew, fanout buffer
•
1 to 12 differential clock distribution
•I
2C for functional and output control
•
Feedback pin for input to output synchronization
•
Supports up to 4 DDR DIMMs or 3 SDRAM DIMMs + 2
DDR DIMMs
•
Frequency supports up to 200MHz (DDR400)
•
Supports Power Down Mode for power mananagement
•
CMOS level control signal input
Key Specifications
•
OUTPUT - OUTPUT skew: <100ps
•
Output Rise and Fall Time for DDR outputs: 500ps - 700ps
•
DUTY CYCLE: 47% - 53%
•
48-pin SSOP package
•
Available in RoHS compliant packaging
Pin Configuration
Funtional Block Diagram
48-Pin SSOP
FB_OUT
VDD3.3_2.5
GND
DDRT0_SDRAM0
DDRC0_SDRAM1
DDRT1_SDRAM2
DDRC1_SDRAM3
VDD3.3_2.5
GND
DDRT2_SDRAM4
DDRC2_SDRAM5
VDD3.3_2.5
BUF_IN
GND
DDRT3_SDRAM6
DDRC3_SDRAM7
VDD3.3_2.5
GND
DDRT4_SDRAM8
DDRC4_SDRAM9
DDRT5_SDRAM10
DDRC5_SDRAM11
VDD3.3_2.5
SDATA
SEL_DDR*
VDD2.5
GND
DDRT11
DDRC11
DDRT10
DDRC10
VDD2.5
GND
DDRT9
DDRC9
VDD2.5
PD#*
GND
DDRT8
DDRC8
VDD2.5
GND
DDRT7
DDRC7
DDRT6
DDRC6
GND
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
*Internal Pull-up Resistor of 120K to VDD
SCLK
SDATA
SEL_DDR*
PD#
BUF_IN
Control
Logic
FB_OUT
DDRT0_SDRAM0
DDRT1_SDRAM2
DDRT2_SDRAM4
DDRT3_SDRAM6
DDRT4_SDRAM8
DDRT5_SDRAM10
DDRT(11:6)
DDRC0_SDRAM1
DDRC1_SDRAM3
DDRC2_SDRAM5
DDRC3_SDRAM7
DDRC4_SDRAM9
DDRC5_SDRAM11
DDRC (11:6)
Funtionality Table
E
D
O
M8
4
N
I
P
D
D
V
5
.
2
_
3
.
3
N
I
P
,
5
1
,
1
1
,
0
1
,
7
,
6
,
5
,
4
2
2
,
1
2
,
0
2
,
9
1
,
6
1
R
D
D
e
d
o
M
1
=
R
D
D
_
L
E
SV
5
.
2
e
b
ll
i
w
s
t
u
p
t
u
o
e
s
e
h
T
s
t
u
p
t
u
o
R
D
D
D
S
/
R
D
D
e
d
o
M
0
=
R
D
D
_
L
E
SV
3
.
3
e
b
ll
i
w
s
t
u
p
t
u
o
e
s
e
h
T
M
A
R
D
S
d
r
a
d
n
a
t
s
s
t
u
p
t
u
o


Similar Part No. - ICS93718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93718YFT ICST-ICS93718YFT Datasheet
104Kb / 8P
DDR and SDRAM Buffer
logo
Integrated Device Techn...
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
More results

Similar Description - ICS93718

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93725 ICST-ICS93725 Datasheet
66Kb / 8P
DDR and SDRAM Zero Delay Buffer
ICS93738 ICST-ICS93738 Datasheet
67Kb / 8P
DDR and SDRAM Buffer
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Integrated Device Techn...
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com