Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93718 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS93718 Datasheet HTML 1Page - Renesas Technology Corp ICS93718 Datasheet HTML 2Page - Renesas Technology Corp ICS93718 Datasheet HTML 3Page - Renesas Technology Corp ICS93718 Datasheet HTML 4Page - Renesas Technology Corp ICS93718 Datasheet HTML 5Page - Renesas Technology Corp ICS93718 Datasheet HTML 6Page - Renesas Technology Corp ICS93718 Datasheet HTML 7Page - Renesas Technology Corp ICS93718 Datasheet HTML 8Page - Renesas Technology Corp ICS93718 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IDTTM/ICSTM DDR and SDRAM Buffer
ICS93718
REV E 02/11/07
ICS93718
DDR and SDRAM Buffer
1.
The ICS clock generator is a slave/receiver, I
2C component. It can read back the data stored in the latches for verification.
Read-Back will support Intel PIIX4 "Block-Read" protocol.
2.
The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode)
3.
The input is operating at 3.3V logic levels.
4.
The data byte format is 8 bit bytes.
5.
To simplify the clock generator I
2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes
must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been
transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes.
The data is loaded until a Stop sequence is issued.
6.
At power-on, all registers are set to a default condition, as shown.
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D4(H)
ACK
Dummy Command Code
ACK
Dummy Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Byte 3
ACK
Byte 4
ACK
Byte 5
ACK
Byte 6
ACK
Byte 7
ACK
Stop Bit
How to Write:
Controller (Host)
ICS (Slave/Receiver)
Start Bit
Address
D5(H)
ACK
Byte Count
ACK
Byte 0
ACK
Byte 1
ACK
Byte 2
ACK
Byte 3
ACK
Byte 4
ACK
Byte 5
ACK
Byte 6
ACK
Byte 7
Stop Bit
How to Read:
General I
2C serial interface information
The information in this section assumes familiarity with I
2C programming.
For more information, contact ICS for an I
2C programming application note.
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address D4
(H)
• ICS clock will
acknowledge
• Controller (host) sends a dummy command code
• ICS clock will
acknowledge
• Controller (host) sends a dummy byte count
• ICS clock will
acknowledge
• Controller (host) starts sending first byte (Byte 0)
through byte 6
• ICS clock will
acknowledge each byte one at a
time.
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the read address D5
(H)
• ICS clock will
acknowledge
• ICS clock will send the
byte count
• Controller (host) acknowledges
• ICS clock sends first byte
(Byte 0) through byte
7
• Controller (host) will need to acknowledge each
byte
• Controller (host) will send a stop bit
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com