Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93718 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS93718
Description  DDR and SDRAM Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93718 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS93718 Datasheet HTML 2Page - Renesas Technology Corp ICS93718 Datasheet HTML 3Page - Renesas Technology Corp ICS93718 Datasheet HTML 4Page - Renesas Technology Corp ICS93718 Datasheet HTML 5Page - Renesas Technology Corp ICS93718 Datasheet HTML 6Page - Renesas Technology Corp ICS93718 Datasheet HTML 7Page - Renesas Technology Corp ICS93718 Datasheet HTML 8Page - Renesas Technology Corp ICS93718 Datasheet HTML 9Page - Renesas Technology Corp ICS93718 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IDTTM/ICSTM DDR and SDRAM Buffer
ICS93718
REV E 02/11/07
ICS93718
DDR and SDRAM Buffer
DDR_Mode (SEL_DDR = 1), VDD = 2.5±5%
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Frequency
66
133
200
MHz
Input clock duty cycle
dtin
40
50
60
%
Output to Output Skew
Tskew
Output crossover skew DDR[0:11]
80
100
ps
66MHz to 100MHz, w/loads
48
49
52
%
101MHz to 167MHz, w/loads
47
50
53
%
Rise Time, Fall Time (DDR
Outputs)
trd, tfd
Measured between 20% and 80%
output, w/loads
500
600
700
ps
Duty cycle
DC
2
Switching Characteristics
SD_Mode (SEL_DDR = 0), VDD = 3.3±5%
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Frequency
66
133
200
MHz
Input clock duty cycle
dtin
40
50
60
%
Output to Output Skew
Tskew
VT = 1.50V
150
ps
Duty cycle
DC
2
66MHz to 200MHz
54
%
Rise Time, Fall Time
(SDRAM Outputs)
trs, tfs
VOL = 0.4V, VOH = 2.4V, w/loads
0.5
1.5
1.7
ns
SDRAM Buffer LH Prop.
Delay
1
t
PLH
Input edge greater than 1V/ns
2
2.5
ns
SDRAM Bufer HL Prop.
Delay
1
t
PHL
Input edge greater than 1V/ns
1.9
2.5
ns
Notes:
1. Refers to transition on non-inverting output.
2. While the pulse skew is almost constant over frequency, the duty cycle error increases at
higher frequencies. This is due to the formula: duty cycle=t2/t1, were the cycle (t1) decreases
as the frequency goes up.
Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com