Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93735 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS93735
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93735 Datasheet(HTML) 6 Page - Renesas Technology Corp

  ICS93735 Datasheet HTML 1Page - Renesas Technology Corp ICS93735 Datasheet HTML 2Page - Renesas Technology Corp ICS93735 Datasheet HTML 3Page - Renesas Technology Corp ICS93735 Datasheet HTML 4Page - Renesas Technology Corp ICS93735 Datasheet HTML 5Page - Renesas Technology Corp ICS93735 Datasheet HTML 6Page - Renesas Technology Corp ICS93735 Datasheet HTML 7Page - Renesas Technology Corp ICS93735 Datasheet HTML 8Page - Renesas Technology Corp ICS93735 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IDTTM/ICSTM Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735
REV F 02/11/07
ICS93735
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Absolute Max
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RT = 120W, CL = 12 pF at 100MHz
236
300
RT = 120W, CL = 12 pF at 133MHz
263
300
IDDPD
CL=0 pF
100
mA
Output High Current
IOH
VDD = 2.5V, VOUT = 1V
-48
-33
-29
mA
Output Low Current
IOL
VDD = 2.5V, VOUT = 1.2V
29
33
37
mA
High Impedance
Ouptut Current
VDD = min to max, IOH = -1mA
2
2.25
V
VDD = 2.3V, IOH = -12mA
1.95
VDD = min to max, IOH = 1mA
0.05
0.1
V
VDD = 2.3V, IOH = 12mA
0.3
0.4
Output Capacitance
1
COUT
VI = VDD or GND
3
pF
1. Guaranteed by design, not 100% tested in production.
mA
10
VOH
mA
IDD2.5
Operating Supply Current
IOZ
VDD = 2.7V, VOUT = VDD or GND
Low-level Output Voltage
VOL
High-level Output Voltage
Supply Voltage (VDD & AVDD)
-0.5V to 3.6V
Logic Inputs
GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature
0°C to +85°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com