Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93735 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS93735
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93735 Datasheet(HTML) 7 Page - Renesas Technology Corp

  ICS93735 Datasheet HTML 1Page - Renesas Technology Corp ICS93735 Datasheet HTML 2Page - Renesas Technology Corp ICS93735 Datasheet HTML 3Page - Renesas Technology Corp ICS93735 Datasheet HTML 4Page - Renesas Technology Corp ICS93735 Datasheet HTML 5Page - Renesas Technology Corp ICS93735 Datasheet HTML 6Page - Renesas Technology Corp ICS93735 Datasheet HTML 7Page - Renesas Technology Corp ICS93735 Datasheet HTML 8Page - Renesas Technology Corp ICS93735 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDTTM/ICSTM Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735
REV F 02/11/07
ICS93735
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Recommended Operating Condition
Timing Requirements
Switching Characteristics
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog / Core Supply Volta
AVDD
2.3
2.5
2.7
V
Input Voltage Level
VIN
22.5
3
V
Output Differential Pair
Crossing Voltage
1.32
V
VOC
66/100/133/166MHz, VDD=2.50V
1.23
1.25
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Clock Frequency
freqop
Input Voltage level: 0-2.50V
22
340
MHz
Input Clock Duty Cycle
1
dtin
40
50
60
%
Clock Stabilization
1
tSTAB
from VDD = 2.5V to 1% target frequency
100
( s
1. Guaranteed by design, not 100% tested in production.
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66 MHz
46
52
63
100 / 125 / 133 MHz
27
33
40
Phase Error
1
tpe
100MHz, input clock 0-2.5V, 0.8ns rise/fall
-113
ps
Output to output Skew
1
Tskew
input clock 0-2.5V, 0.8ns rise/fall
66
98
ps
Low-to-high level Propagation
CLK_IN to any output,
Delay Time, Bypass Mode
1
100MHz, Load = 120 W / 12 pF
Pulse Skew
1
Tskew
ps
Duty Cycle (Sign Ended)
1,3
DC
no loads, 66 MHz to 167MHz
50.2
51.3
%
Rise Time
1
tR
Single-ended 20-80 %; Load=120W/12pF
400
490
622
ps
Fall Time
1
tF
Single-ended 20-80 %; Load=120W/12pF
435
579
711
ps
1. Guaranteed by design, not 100% tested in production.
2. Refers to transistion on non-inverting period.
3. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies.
This is due to the formular: duty_cycle=twH/tC, where the cycle time (tC)decreases as the frequency increases.
Cycle to cycle Jitter
1,2
tc-c
ps
tPLH
3.67
3.68
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com