Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950202 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950202 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS950202 Datasheet HTML 8Page - Renesas Technology Corp ICS950202 Datasheet HTML 9Page - Renesas Technology Corp ICS950202 Datasheet HTML 10Page - Renesas Technology Corp ICS950202 Datasheet HTML 11Page - Renesas Technology Corp ICS950202 Datasheet HTML 12Page - Renesas Technology Corp ICS950202 Datasheet HTML 13Page - Renesas Technology Corp ICS950202 Datasheet HTML 14Page - Renesas Technology Corp ICS950202 Datasheet HTML 15Page - Renesas Technology Corp ICS950202 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS950202
0461M—02/10/06
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-5
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
Operating Supply Current
IDD3.3OP
CL= Full load
221
360
mA
Powerdown Current
IDD3.3PD
IREF= 2.32
22
25
mA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target
frequency
1.8
ms
VT = 1.25 V/ VT = 1.5 V (target)
1.5
2.8
3.5
ns
VT = 1.25 V/ VT = 1.5 V (tol)
150
500
ps
1 Guarenteed by design,not 100% tested in production
Input Low Current
mA
Input Capacitance
1
3V66 to PCI
tsk3V66-PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com