Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950202 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950202 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS950202 Datasheet HTML 10Page - Renesas Technology Corp ICS950202 Datasheet HTML 11Page - Renesas Technology Corp ICS950202 Datasheet HTML 12Page - Renesas Technology Corp ICS950202 Datasheet HTML 13Page - Renesas Technology Corp ICS950202 Datasheet HTML 14Page - Renesas Technology Corp ICS950202 Datasheet HTML 15Page - Renesas Technology Corp ICS950202 Datasheet HTML 16Page - Renesas Technology Corp ICS950202 Datasheet HTML 17Page - Renesas Technology Corp ICS950202 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950202
0461M—02/10/06
Electrical Characteristics-3V66
TA = 0 - 70C; VDD = 3.3V+/- 5%; CL= 10-30pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.17
0.55
V
Output High Current
IOH1
VOH@ MIN =1.0V, VOH@ MAX
=3.135V
-33
-33
mA
VOL@ MIN = 1.95 V,
30
60
VOL@ MAX = 0.4V
23
38
mA
Rise Time
tr1
VOL = 0.4V, Voh =2.4V
0.5
1.7
2
ns
Fall Time
tf1
VOH = 2.4V, VOL = 0.4V
0.5
1.4
2
ns
Duty Cycle
dt1
VT = 1.5V
45
50.7
55
%
Skew
tf1
VT = 1.5V
284
500
ps
Jitter
tjcyc-cyc1
VT = 1.5V
45
170
250
ps
1 Guarenteed by design,not 100% tested in production
Output Low Current
IOL1
Electrical - Characteristics - PCICLK
TA = 0 - 70C; VDD = 3.3V +/-5%; CL= 10- 30pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
33.33
MHz
Output Impedance
RDSN1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.17
0.55
V
Output High Current
IOH1
VOH@ MIN =1.0V, VOH@ MAX
=3.135V
-33
-33
mA
VOL@ MIN = 1.95 V
30
60
VOL@ MAX = 0.4V
23
38
mA
Rise Time
tr1
VOL = 0.4V, Voh =2.4V
0.5
1.7
2
ns
Fall Time
tf1
VOH = 2.4V, VOL = 0.4V
0.5
1.4
2
ns
Duty Cycle
dt1
VT = 1.5V
45
53.6
55
%
Skew
tsk1
VT = 1.5V
218
500
ps
Jitter
tjcyc-cyc
VT = 1.5V
210
250
ps
1 Guarenteed by design,not 100% tested in production
Output Low Current
IOL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com