Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 14Page - Texas Instruments ADS5463IPFPR Datasheet HTML 15Page - Texas Instruments ADS5463IPFPR Datasheet HTML 16Page - Texas Instruments ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Theory of Operation
Input Configuration
R
50
0
W
Z
50
0
W
ADS5463
AIN
AIN
S0176-03
R
200 W
ACSignal
Source
Mini-Circuits
JTX-4-10T
ADS5463
SLAS515 – NOVEMBER 2006
The ADS5463 is a 12-bit, 500-MSPS, monolithic-pipeline, analog-to-digital converter. Its bipolar analog core
operates from 5-V and 3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible outputs.
The conversion process is initiated by the rising edge of the external input clock. At that instant, the differential
input signal is captured by the input track-and-hold (T&H), and the input sample is sequentially converted by a
series of lower resolution stages, with the outputs combined in a digital correction logic block. Both the rising and
the falling clock edges are used to propagate the sample through the pipeline every half clock cycle. This
process results in a data latency of 3.5 clock cycles, after which the output data is available as a 12-bit parallel
word, coded in offset binary format.
The analog input for the ADS5463 consists of an analog pseudodifferential buffer followed by a bipolar transistor
track-and-hold. The analog buffer isolates the source driving the input of the ADC from any internal switching.
The input common mode is set internally through a 500-
Ω resistor connected from 2.4 V to each of the inputs.
This results in a differential input impedance of 1 k
Ω.
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swings
symmetrically between 2.4 V + 0.55 V and 2.4 V – 0.55 V. This means that each input has a maximum signal
swing of 1.1 Vpp for a total differential input signal swing of 2.2 Vpp. The maximum swing is determined by the
internal reference voltage generator, eliminating the need for any external circuitry for this purpose.
The ADS5463 obtains optimum performance when the analog inputs are driven differentially. The circuit in
Figure 36 shows one possible configuration using an RF transformer with termination either on the primary or on
the secondary of the transformer. In addition, the evaluation module is configured with two back-to-back
transformers, which also demonstrates good performance. If voltage gain is required, a step-up transformer can
be used.
Besides the transformer configurations, Texas Instruments offers a wide selection of single-ended operational
amplifiers that can be selected depending on the application. An RF gain-block amplifier, such as Texas
Instruments' THS9001, can also be used for high-input-frequency applications. For large voltage gains at
intermediate-frequencies in the 50-MHz–500-MHz range, the configuration shown in Figure 37 can be used. The
component values can be tuned for different intermediate frequencies. The example shown is located on the
evaluation module and is tuned for an IF of 170 MHz. More information regarding this configuration can be found
in the ADS5463 EVM User Guide (SLAU194) and the THS9001 50 MHz to 350 MHz Cascadeable Amplifier data
sheet (SLOS426).
Figure 36. Converting a Single-Ended Input to a Differential Signal Using an RF Transformer
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com