Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFPR
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5463IPFPR Datasheet HTML 17Page - Texas Instruments ADS5463IPFPR Datasheet HTML 18Page - Texas Instruments ADS5463IPFPR Datasheet HTML 19Page - Texas Instruments ADS5463IPFPR Datasheet HTML 20Page - Texas Instruments ADS5463IPFPR Datasheet HTML 21Page - Texas Instruments ADS5463IPFPR Datasheet HTML 22Page - Texas Instruments ADS5463IPFPR Datasheet HTML 23Page - Texas Instruments ADS5463IPFPR Datasheet HTML 24Page - Texas Instruments ADS5463IPFPR Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
SNR + 10log10
P
S
P
N
(2)
SINAD + 10log10
P
S
P
N ) PD
(3)
THD + 10log10
P
S
P
D
(4)
ADS5463
SLAS515 – NOVEMBER 2006
PSRR
is
a
measure
of
the
ability
to
reject
frequencies present on the power supply. The
injected frequency level is translated into dBFS, the
Analog Bandwidth
spur in the output FFT is measured in dBFS, and the
The analog input frequency at which the power of the
difference is the PSRR in dB. The measurement
fundamental is reduced by 3 dB with respect to the
calibrates out the benefit of the board supply
low-frequency value
decoupling capacitors.
Aperture Delay
Signal-to-Noise Ratio (SNR)
The delay in time between the rising edge of the
SNR is the ratio of the power of the fundamental (PS)
input sampling clock and the actual time at which the
to the noise floor power (PN), excluding the power at
sampling occurs
dc and in the first five harmonics.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay
Clock Pulse Duration/Duty Cycle
SNR is either given in units of dBc (dB to carrier)
The duty cycle of a clock signal is the ratio of the
when the absolute power of the fundamental is used
time the clock signal remains at a logic high (clock
as the reference, or dBFS (dB to full scale) when the
pulse duration) to the period of the clock signal,
power of the fundamental is extrapolated to the
expressed as a percentage.
converter’s full-scale range.
Differential Nonlinearity (DNL)
Signal-to-Noise and Distortion (SINAD)
An ideal ADC exhibits code transitions at analog
SINAD is the ratio of the power of the fundamental
input values spaced exactly 1 LSB apart. DNL is the
(PS) to the power of all the other spectral
deviation of any single step from this ideal value,
components including noise (PN) and distortion (PD),
measured in units of LSB.
but excluding dc.
Common-Mode Rejection Ratio (CMRR)
CMRR measures the ability to reject signals that are
presented to both analog inputs simultaneously. The
injected common-mode frequency level is translated
SINAD is either given in units of dBc (dB to carrier)
into dBFS, the spur in the output FFT is measured in
when the absolute power of the fundamental is used
dBFS, and the difference is the CMRR in dB.
as the reference, or dBFS (dB to full scale) when the
Effective Number of Bits (ENOB)
power of the fundamental is extrapolated to the
ENOB is a measure in units of bits of a converter's
converter’s full-scale range.
performance as compared to the theoretical limit
Temperature Drift
based on quantization noise
Temperature drift (with respect to gain error and
ENOB = (SINAD – 1.76)/6.02
offset error) specifies the change from the value at
Gain Error
the nominal temperature to the value at TMIN or TMAX.
Gain error is the deviation of the ADC actual input
It is computed as the maximum variation the
full-scale range from its ideal value, given as a
parameters
over
the
whole
temperature
range
percentage of the ideal input full-scale range.
divided by TMIN – TMAX.
Integral Nonlinearity (INL)
Total Harmonic Distortion (THD)
INL is the deviation of the ADC transfer function from
THD is the ratio of the power of the fundamental (PS)
a best-fit line determined by a least-squares curve fit
to the power of the first five harmonics (PD).
of that transfer function. The INL at each analog
input value is the difference between the actual
transfer function and this best-fit line, measured in
units of LSB.
THD is typically given in units of dBc (dB to carrier).
Offset Error
Two-Tone Intermodulation Distortion (IMD3)
Offset error is the deviation of output code from
IMD3 is the ratio of the power of the fundamental (at
mid-code
when
both
inputs
are
tied
to
frequencies f1, f2) to the power of the worst spectral
common-mode.
component at either frequency 2f1 – f2 or 2f2– f1).
Power-Supply Rejection Ratio (PSRR)
IMD3 is given in units of either dBc (dB to carrier)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full scale) when the
power of the fundamental is extrapolated to the
converter’s full-scale range.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com