Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM340
Description  3-Terminal Positive Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM340 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM340 Datasheet HTML 1Page - National Semiconductor (TI) LM340 Datasheet HTML 2Page - National Semiconductor (TI) LM340 Datasheet HTML 3Page - National Semiconductor (TI) LM340 Datasheet HTML 4Page - National Semiconductor (TI) LM340 Datasheet HTML 5Page - National Semiconductor (TI) LM340 Datasheet HTML 6Page - National Semiconductor (TI) LM340 Datasheet HTML 7Page - National Semiconductor (TI) LM340 Datasheet HTML 8Page - National Semiconductor (TI) LM340 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 5)
DC Input Voltage
35V
Internal Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
TO-3 Package (K)
300˚C
TO-220 Package (T), TO-263
Package (S)
230˚C
ESD Susceptibility (Note 3)
2 kV
Operating Conditions (Note 1)
Temperature Range (T
A) (Note 2)
LM140
−55˚C to +125˚C
LM340A, LM340
0˚C to +125˚C
LM7808C
0˚C to +125˚C
LM340A Electrical Characteristics
I
OUT = 1A, 0˚C
≤ T
J
≤ + 125˚C (LM340A) unless otherwise specified (Note 4)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Min
Typ Max
V
O
Output Voltage
T
J = 25˚C
4.9
5
5.1
11.75
12 12.25
14.7
15
15.3
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.8
5.2
11.5
12.5
14.4
15.6
V
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
∆V
O
Line Regulation
I
O = 500 mA
10
18
22
mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
T
J = 25˚C
3
10
4
18
4
22
mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.5 ≤ V
IN
≤ 27) (17.5 ≤ V
IN
≤ 30)
V
T
J = 25˚C
4
9
10
mV
Over Temperature
12
30
30
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
25
12
32
12
35
mV
250 mA
≤ I
O
≤ 750
mA
15
19
21
mV
Over Temperature,
25
60
75
mV
5mA
≤ I
O
≤ 1A
I
Q
Quiescent
Current
T
J = 25˚C
6
6
6
mA
Over Temperature
6.5
6.5
6.5
mA
∆I
Q
Quiescent
Current
5mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO = 1A
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
I
O = 500 mA
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 25)
(15
≤ V
IN
≤ 30)
(17.9
≤ V
IN
≤ 30)
V
V
N
Output Noise
Voltage
T
A = 25˚C, 10 Hz
≤ f ≤ 100 kHz
40
75
90
µV
Ripple Rejection
T
J = 25˚C, f = 120 Hz, IO = 1A
68
8061
7260
70
dB
or f = 120 Hz, I
O = 500 mA,
68
61
60
dB
Over Temperature,
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 18)
(15
≤ V
IN
≤ 25)
(18.5
≤ V
IN
≤
28.5)
V
R
O
Dropout Voltage
T
J = 25˚C, IO = 1A
2.0
2.0
2.0
V
Output
Resistance
f=1kHz
8
18
19
m
Ω
Short-Circuit
Current
T
J = 25˚C
2.1
1.5
1.2
A
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com