Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM340
Description  3-Terminal Positive Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM340 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM340 Datasheet HTML 1Page - National Semiconductor (TI) LM340 Datasheet HTML 2Page - National Semiconductor (TI) LM340 Datasheet HTML 3Page - National Semiconductor (TI) LM340 Datasheet HTML 4Page - National Semiconductor (TI) LM340 Datasheet HTML 5Page - National Semiconductor (TI) LM340 Datasheet HTML 6Page - National Semiconductor (TI) LM340 Datasheet HTML 7Page - National Semiconductor (TI) LM340 Datasheet HTML 8Page - National Semiconductor (TI) LM340 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM140 Electrical Characteristics (Note 4) (Continued)
−55˚C
≤ T
J
≤ +150˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min Typ
Max
Min
Typ
Max Min Typ
Max
Ripple Rejection
I
O
≤ 1A, T
J = 25˚C
or
68
80
61
72
60
70
dB
f = 120 Hz
I
O
≤ 500 mA,
68
61
60
dB
−55˚C
≤ T
J
≤+150˚C
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 18)
(15
≤ V
IN
≤ 25)
(18.5
≤ V
IN
≤
28.5)
V
R
O
Dropout Voltage
T
J = 25˚C, IO = 1A
2.0
2.0
2.0
V
Output Resistance
f=1kHz
8
18
19
m
Ω
Short-Circuit
Current
T
J = 25˚C
2.1
1.5
1.2
A
Peak Output
Current
T
J = 25˚C
2.4
2.4
2.4
A
Average TC of
V
OUT
0˚C
≤ T
J
≤ +150˚C, I
O = 5 mA
−0.6
−1.5
−1.8
mV/˚C
V
IN
Input Voltage
T
J = 25˚C, IO
≤ 1A
Required to
Maintain
7.5
14.6
17.7
V
Line Regulation
LM340 Electrical Characteristics (Note 4)
0˚C
≤ T
J
≤ +125˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max Min
Typ Max Min Typ
Max
V
O
Output Voltage
T
J = 25˚C, 5 mA
≤ I
O
≤ 1A
4.8
5
5.2
11.5
12
12.5 14.4
15
15.6
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.75
5.25 11.4
12.6 14.25
15.75
V
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20)
(14.5
≤ V
IN
≤
27)
(17.5
≤ V
IN
≤ 30)
V
∆V
O
Line Regulation
I
O = 500 mA
T
J = 25˚C
3
50
4
120
4
150
mV
∆V
IN
(7
≤ V
IN
≤ 25)
(14.5
≤ V
IN
≤
30)
(17.5
≤ V
IN
≤ 30)
V
0˚C
≤ T
J
≤ +125˚C
50
120
150
mV
∆V
IN
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27) (18.5 ≤ V
IN
≤ 30)
V
I
O
≤ 1A
T
J = 25˚C
50
120
150
mV
∆V
IN
(7.5
≤ V
IN
≤ 20)
(14.6
≤ V
IN
≤
27)
(17.7
≤ V
IN
≤ 30)
V
0˚C
≤ T
J
≤ +125˚C
25
60
75
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
50
12
120
12
150
mV
250 mA
≤ I
O
≤ 750 mA
25
60
75
mV
5mA
≤ I
O
≤ 1A, 0˚C ≤ T
J
≤
+125˚C
50
120
150
mV
I
Q
Quiescent Current
I
O
≤ 1A
T
J = 25˚C
8
8
8
mA
0˚C
≤ T
J
≤ +125˚C
8.5
8.5
8.5
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO
≤ 1A
1.0
1.0
1.0
mA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com