Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMA Datasheet(PDF) 44 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 44 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 44Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 45Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 46Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 47Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 216 page
background image
42
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
After the programming operation has been suspended, the system can read array data from any
non-suspended sector. The Program Suspend command may also be issued during a program-
ming operation while an erase is suspended. In this case, data may be read from any addresses
not in Erase Suspend or Program Suspend. If a read is needed from the Secured Silicon Sector
area, then user must use the proper command sequences to enter and exit this region.
The system may also write the Autoselect command sequence when the device is in Program Sus-
pend mode. The device allows reading Autoselect codes in the suspended sectors, since the codes
are not stored in the memory array. When the device exits the Autoselect mode, the device re-
verts to Program Suspend mode, and is ready for another valid operation. See Autoselect for more
information.
After the Program Resume command is written, the device reverts to programming. The system
can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in
the standard program operation. See Write Operation Status for more information.
The system must write the Program Resume command (address bits are don't care) to exit the
Program Suspend mode and continue the programming operation. Further writes of the Program
Resume command are ignored. Another Program Suspend command can be written after the de-
vice has resumed programming.
The following is a C source code example of using the program suspend function. Refer to the
Spansion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com)
for general information on Spansion Flash memory software development guidelines.
/* Example: Program suspend command */
*( (UINT16 *)base_addr + 0x000 ) = 0x00B0;
/* write suspend command
*/
The following is a C source code example of using the program resume function. Refer to the
Spansion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com)
for general information on Spansion Flash memory software development guidelines.
/* Example: Program resume command */
*( (UINT16 *)base_addr + 0x000 ) = 0x0030;
/* write resume command
*/
8.5.7
Accelerated Program/Chip Erase
Accelerated single word programming, write buffer programming, sector erase, and chip erase
operations are enabled through the ACC function. This method is faster than the standard chip
program and erase command sequences.
The accelerated chip program and erase functions must not be used more than 10 times
per sector. In addition, accelerated chip program and erase should be performed at room tem-
perature (25
°C ±10°C).
Software Functions and Sample Code
Table 8.18 Program Suspend
(LLD Function = lld_ProgramSuspendCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Bank Address
Bank Address
00B0h
Table 8.19 Program Resume
(LLD Function = lld_ProgramResumeCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Bank Address
Bank Address
0030h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com