Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMA Datasheet(PDF) 71 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 71 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 67Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 68Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 69Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 70Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 71Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 72Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 73Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 74Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
69
Advance
Information
12.8 AC Characteristics
12.8.1
CLK Characterization
Note: The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Figure 12.6 CLK Characterization
12.8.2
Synchronous/Burst Read
Notes:
1. Addresses are latched on the first rising edge of CLK.
2. Not 100% tested.
3. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter
Description
54 MHz
66 MHz
80 MHz
Unit
fCLK
CLK Frequency
Max
54
66
80
MHz
tCLK
CLK Period
Min
18.5
15.1
12.5
ns
tCH
CLK High Time
Min
7.4
6.1
5.0
ns
tCL
CLK Low Time
tCR
CLK Rise Time
Max
3
3
2.5
ns
tCF
CLK Fall Time
Parameter
Description
54 MHz
66 MHz
80 MHz
Unit
JEDEC
Standard
tIACC
Latency
Max
80
ns
tBACC
Burst Access Time Valid Clock to Output Delay Max
13.5
11.2
9
ns
tACS
Address Setup Time to CLK (Note 1)Min
5
4
ns
tACH
Address Hold Time from CLK (Note 1)Min
7
6
ns
tBDH
Data Hold Time from Next Clock Cycle
Min
4
3
ns
tCR
Chip Enable to RDY Valid
Max
13.5
11.2
9
ns
tOE
Output Enable to Output Valid
Max
13.5
11.2
ns
tCEZ
Chip Enable to High Z (Note 2)Max
10
ns
tOEZ
Output Enable to High Z (Note 2)Max
10
ns
tCES
CE# Setup Time to CLK
Min
4
ns
tRDYS
RDY Setup Time to CLK
Min
5
4
3.5
ns
tRACC
Ready Access Time from CLK
Max
13.5
11.2
9
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
tAVC
AVD# Low to CLK
Min
4
ns
tAVD
AVD# Pulse
Min
8
ns
tAOE
AVD Low to OE# Low
Max
38.4
ns
tCLK
tCL
tCH
tCR
tCF
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com