Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DP2525B
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DP2525B Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
5/11
Rev.2.0
VFBREF
Internal Error Amplifier (EA)
Reference Input
1.97
2.0
2.03
V
VFB_SLP
Short Load Protection (SLP)
Threshold
0.6
V
TFB_Short
Short Load Protection (SLP)
Debounce Time
10
ms
VFB_DEM
Demagnetization Comparator
Threshold
25
mV
Toff_min
Minimum OFF time
(Note 3)
2
us
Toff_max
Maximum OFF time
5
ms
ICable_max
Maximum
Cable
Drop
Compensation(CDC) Current
60
uA
Current Sense Input Section (CS Pin)
TLEB
CS
Input
Leading
Edge
Blanking Time
500
ns
Vcs(max)
Current limiting threshold
490
500
510
mV
TD_OC
Over Current Detection and
Control Delay
100
ns
BJT Section (HV Pin)
VCEO
Collector-Emitter voltage
500
V
VCBO
Collector-Base voltage
800
V
Note1. Stresses listed as the above
"Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note2. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com