Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2525B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP2525B
Description  Low Cost Primary Side Regulation(PSR) PWM Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DP2525B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP2525B Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2525B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DP2525
Low Cost Primary Side Regulation(PSR) PWM Power Switch
1/11
Rev.2.0
FEATURES
Low Cost Solution Buil-in 800V power BJT
Multi-Mode PSR Control
Audio Noise Free Operation
±4% CC and CV Regulation
Optimized Dynamic Response
Low Standby Power <100mW
Programmable Cable Drop Compensation
(CDC) in CV Mode
Built-in AC Line & Load CC Compensation
Build in Protections:
Short Load Protection (SLP)
Cycle-by-Cycle Current Limiting
Leading Edge Blanking (LEB)
Pin Floating Protection
VDD OVP & UVP & Clamp
Available with DP2525 Versions in SOP-7
Package
APPLICATIONS
Battery Chargers for Cellular Phones
AC/DC Power Adapter and LED Lightings
GENERAL DESCRIPTION
DP2525 is a low cost and high performance
Primary Side Regulation (PSR) controller for
offline small power converter applications which
can provide very tight output voltage regulation
(CV) and output current control (CC) ideal for
charging applications.
In CV mode, DP2525 adopts Multi Mode Control
which
uses
the
hybrid
of
AM
(Amplitude
Modulation) mode and (Frequency Modulation)
FM mode to improve system efficiency and
reliability. In CC mode, the IC uses PFM control
with line and load CC compensation. The IC can
achieve audio noise free operation and optimized
dynamic
response.
The
built-in
Cable
Drop
Compensation
(CDC)
function
can
provide
excellent CV performance.
DP2525 integrates functions and protections of
Under Voltage Lockout (UVLO), VDD over Voltage
Protection (VDD OVP), Cycle-by-cycle Current
Limiting (OCP), Short Load Protection (SLP), Pin
Floating Protection, VDD Clamping, etc.
.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - DP2525B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Developer Micr...
DP2525F DEPUW-DP2525F Datasheet
1Mb / 11P
Quasi-Resonant PSR CC/CV PWM Power Switch
Rev.1.1
More results

Similar Description - DP2525B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
Primary-Side-Regulation PWM Controller (PWM-PSR)
AN-6067 FAIRCHILD-AN-6067 Datasheet
939Kb / 21P
Design and Application of Primary-Side Regulation (PSR) PWM Controller
logo
Unisonic Technologies
US1651 UTC-US1651 Datasheet
178Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
US1652 UTC-US1652 Datasheet
169Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Unisonic Technologies
USR1652 UTC-USR1652 Datasheet
167Kb / 7P
PRIMARY-SIDE REGULATION PWM POWER SWITCH
logo
List of Unclassifed Man...
OB2211 ETC2-OB2211 Datasheet
343Kb / 11P
Primary-Side Regulation PWM Power Switch
logo
Shaoxing Devechip Micro...
SDC3106 SDC-SDC3106 Datasheet
391Kb / 12P
Low-Power Primary Side Regulation Power Switch
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com