Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951402 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS951402
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951402 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS951402 Datasheet HTML 8Page - Renesas Technology Corp ICS951402 Datasheet HTML 9Page - Renesas Technology Corp ICS951402 Datasheet HTML 10Page - Renesas Technology Corp ICS951402 Datasheet HTML 11Page - Renesas Technology Corp ICS951402 Datasheet HTML 12Page - Renesas Technology Corp ICS951402 Datasheet HTML 13Page - Renesas Technology Corp ICS951402 Datasheet HTML 14Page - Renesas Technology Corp ICS951402 Datasheet HTML 15Page - Renesas Technology Corp ICS951402 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
I
2C Table: Output Divider Control Register
Byte 16 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
AGP Div3
RW
X
Bit 6
-
AGP Div2
RW
X
Bit 5
-
AGP Div1
RW
X
Bit 4
-
AGP Div0
AGP divider ratio can
be configured via
these 4 bits
individually
RW
See Table 2: Divider
Ratio Combination
Table
X
Bit 3
-
Reserved
Reserved
RW
-
-
X
Bit 2
-
Reserved
Reserved
RW
-
-
X
Bit 1
-
Reserved
Reserved
RW
-
-
X
Bit 0
-
Reserved
Reserved
RW
-
-
X
I
2C Table: Output Divider Control Register
Byte 17 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
AGPINV
AGP Phase Invert
RW
Default
Inverse
X
Bit 6
-
Reserved
Reserved
RW
-
-
X
Bit 5
-
SDINV
SDRAM
Phase Invert
RW
Default
Inverse
X
Bit 4
-
CPUINV
CPU Phase Invert
RW
Default
Inverse
X
Bit 3
-
PCIDiv3
RW
X
Bit 2
-
PCIDiv3
RW
X
Bit 1
-
PCIDiv3
RW
X
Bit 0
-
PCIDiv3
PCI divider ratio can
be configured via
these 4 bits
individually
RW
See Table 2 & 3:
Divider Ratio
Combination Table
X
I
2C Table: Group Skew Control Register
Byte 18 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
CPUSkw3
RW
1
Bit 6
-
CPUSkw2
CPUT
Skew Control
RW
See 2-bit Skew
Control at table 4
0
Bit 5
-
SDSkw3
RW
0
Bit 4
-
SDSkw2
SDRAM
Skew Control
RW
See 2-bit Skew
Control at table 4
1
Bit 3
-
Reserved
Reserved
RW
-
-
1
Bit 2
-
Reserved
Reserved
RW
-
-
1
Bit 1
-
Reserved
Reserved
RW
-
-
1
Bit 0
-
Reserved
Reserved
RW
-
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com