Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951402 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS951402
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951402 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS951402 Datasheet HTML 9Page - Renesas Technology Corp ICS951402 Datasheet HTML 10Page - Renesas Technology Corp ICS951402 Datasheet HTML 11Page - Renesas Technology Corp ICS951402 Datasheet HTML 12Page - Renesas Technology Corp ICS951402 Datasheet HTML 13Page - Renesas Technology Corp ICS951402 Datasheet HTML 14Page - Renesas Technology Corp ICS951402 Datasheet HTML 15Page - Renesas Technology Corp ICS951402 Datasheet HTML 16Page - Renesas Technology Corp ICS951402 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
Table 4:Skew Specification on Output Mode
Bit3
Bit2
Bit1
Bit0
Skew in ps
0
0
X
X
500
0
1
X
X
750
1
0
X
X
1000
1
1
X
X
1250
I
2C Table: Group Skew Control Register
Byte 19 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
Reserved
Reserved
RW
-
-
0
Bit 6
-
Reserved
Reserved
RW
-
-
0
Bit 5
-
Reserved
Reserved
RW
-
-
0
Bit 4
-
Reserved
Reserved
RW
-
-
0
Bit 3
-
AGPSkw3
RW
0
Bit 2
-
AGPSkw2
AGP
Skew Control
RW
See 2-bit Skew
Control at table 4
0
Bit 1
-
Reserved
Reserved
RW
-
-
0
Bit 0
-
Reserved
Reserved
RW
-
-
0
I
2C Table: Group Skew Control Register
Byte 20 Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
-
PCISkw3
RW
0
Bit 6
-
PCISkw2
PCI_F [1:0]
Skew Control
RW
See 2-bit Skew
Control at table 4
0
Bit 5
-
Reserved
Reserved
RW
-
-
0
Bit 4
-
Reserved
Reserved
RW
-
-
0
Bit 3
-
PCISkw1
RW
0
Bit 2
-
PCISkw0
PCI [5:0]
Skew Control
RW
See 2-bit Skew
Control at table 4
0
Bit 1
-
Reserved
Reserved
RW
-
-
0
Bit 0
-
Reserved
Reserved
RW
-
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com