Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951412B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS951412B
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951412B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS951412B Datasheet HTML 9Page - Renesas Technology Corp ICS951412B Datasheet HTML 10Page - Renesas Technology Corp ICS951412B Datasheet HTML 11Page - Renesas Technology Corp ICS951412B Datasheet HTML 12Page - Renesas Technology Corp ICS951412B Datasheet HTML 13Page - Renesas Technology Corp ICS951412B Datasheet HTML 14Page - Renesas Technology Corp ICS951412B Datasheet HTML 15Page - Renesas Technology Corp ICS951412B Datasheet HTML 16Page - Renesas Technology Corp ICS951412B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
ICS951412B
1232A—06/12/06
Electrical Characteristics - SRC 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2
Ω, RP=49.9Ω, ΙREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
VO = Vx
3000
Ω
1
Voltage High
VHigh
660
850
1,3
Voltage Low
VLow
-150
150
1,3
Max Voltage
Vovs
1150
1
Min Voltage
Vuds
-300
1
Crossing Voltage (abs) Vcross(abs)
250
350
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
12
140
mV
1
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1,2
75.00 MHz nominal
8.5684
8.5714
8.5744
ns
2
75.00 MHz spread
8.5684
8.6244
ns
2
100.00 MHz nominal
9.9970 10.0000 10.0030
ns
2
100.00 MHz spread
9.9970
10.0530
ns
2
116.67 MHz nominal
13.3303 13.3333 13.3363
ns
2
116.67 MHz spread
13.3303
13.3863
ns
2
133.33 MHz nominal
7.4972
7.5002
7.5032
ns
2
133.33 MHz spread
7.4972
7.5532
ns
2
Absolute min period
Tabsmin
@100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
55
%
1
Group Skew
tsrc-skew
Measurement from differential
wavefrom
250
ps
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
100
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
3I
REF = VDD/(3xRR). For RR = 475
Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
Tperiod
Average period
mV
Measurement on single ended
signal using absolute value.
mV
Statistical measurement on
single ended signal using
oscilloscope math function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com