Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951412B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS951412B
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951412B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS951412B Datasheet HTML 10Page - Renesas Technology Corp ICS951412B Datasheet HTML 11Page - Renesas Technology Corp ICS951412B Datasheet HTML 12Page - Renesas Technology Corp ICS951412B Datasheet HTML 13Page - Renesas Technology Corp ICS951412B Datasheet HTML 14Page - Renesas Technology Corp ICS951412B Datasheet HTML 15Page - Renesas Technology Corp ICS951412B Datasheet HTML 16Page - Renesas Technology Corp ICS951412B Datasheet HTML 17Page - Renesas Technology Corp ICS951412B Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
ICS951412B
1232A—06/12/06
Electrical Characteristics - PCI33, HTT66 Clocks
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm1,2
33.33MHz output nominal
29.9910
30.0090
ns
2
33.33MHz output spread
29.9910
30.1598
ns
2
66.67MHz output nominal
14.9955
15.0045
ns
2
66.67MHz output spread
14.9955
15.0799
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
1
V OH @MIN = 1.0 V
-33
-46
mA
1
VOH@ MAX = 3.135 V
-50
-80
mA
1
VOL @ MIN = 1.95 V
47
64
mA
1
VOL @ MAX = 0.4 V
58
91
mA
1
Edge Rate
δV/δt
Rising edge rate
1
4
V/ns
1
Edge Rate
δV/δt
Falling edge rate
1
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Skew
tsk1
VT = 1.5 V
500
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
180
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
PCI33 Clock period
Tperiod
HTT66 Clock period
Tperiod
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that REF
is at 14.31818MHz
Output High Current
IOH
Output Low Current
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com