Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952623 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS952623
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS952623 Datasheet HTML 9Page - Renesas Technology Corp ICS952623 Datasheet HTML 10Page - Renesas Technology Corp ICS952623 Datasheet HTML 11Page - Renesas Technology Corp ICS952623 Datasheet HTML 12Page - Renesas Technology Corp ICS952623 Datasheet HTML 13Page - Renesas Technology Corp ICS952623 Datasheet HTML 14Page - Renesas Technology Corp ICS952623 Datasheet HTML 15Page - Renesas Technology Corp ICS952623 Datasheet HTML 16Page - Renesas Technology Corp ICS952623 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
I
2C Table: Output Control and Fix Frequency Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Test Clock Mode
Test Clock Mode
-
Disable
Enable
0
Bit 6
RESERVED
-
-
-
-
0
Bit 5
RESERVED
FS_A and FS_B
Operation
-
Normal
Test Mode
0
Bit 4
RESERVED
SRC Frequency
Select
-
100MHz
200MHz
0
Bit 3
Spread Type
Down/Center
-
Down
Center
0
Bit 2
Spread Spectrum Mode
Spread
OFF
Spread
ON
0
Bit 1
REF1
Output Control
RW
Disable
Enable
1
Bit 0
REF0
Output Control
RW
Disable
Enable
1
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
I
2C Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
--
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
--
1
Bit 2
BC2
RW
-
-
0
Bit 1
BC1
RW
--
0
Bit 0
BC0
RW
-
-
0
1,2,7,8,9,12,13,14,
15,18,19,20,22,23,2
6,27,29,31,32,37,38
,40,41,43,44,46,47
-
40,41,43,44,46,47
Byte 6
2
1
37,38
7,8,9,12,13,14,15,1
8,19,20,22,23,26,27
,29,31,32,37,38,40,
41,43,44,46,47
Byte 7
-
REVISION ID
-
-
-
-
VENDOR ID
-
-
-
Byte 8
-
Writing to this register
will configure how
many bytes will be
read back, default is
08 = 8 bytes.
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com