Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952623 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICS952623
Description  Programmable Timing Control Hub™ for Next Gen P4™ processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS952623 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICS952623 Datasheet HTML 18Page - Renesas Technology Corp ICS952623 Datasheet HTML 19Page - Renesas Technology Corp ICS952623 Datasheet HTML 20Page - Renesas Technology Corp ICS952623 Datasheet HTML 21Page - Renesas Technology Corp ICS952623 Datasheet HTML 22Page - Renesas Technology Corp ICS952623 Datasheet HTML 23Page - Renesas Technology Corp ICS952623 Datasheet HTML 24Page - Renesas Technology Corp ICS952623 Datasheet HTML 25Page - Renesas Technology Corp ICS952623 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
Integrated
Circuit
Systems, Inc.
ICS952623
0758A—02/06/07
CPU_Stop = Driven, CPU_Pwrdwn = Tristate
CPU_Stop#
1.8mS
PWRDWN#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. When CPU_Pwrdwn is set to tristate and CPU_Stop is set to driven, the clock chip will tristate outputs only during the
assertion of PWRDWN#. Differential clock behavior during the assertion/de-assertion of CPU_Stop# will be unaffected.
2. In the case that CPU_Stop# is de-asserted during the 1.8mS PWRDWN# de-assertion resume delay, the clock chip can
sample the CPU_Stop# high with the internal rising edges of clock#. This will result in CPU clocks resuming immediately
after the 1.8mS windows expires. This applies to all control register bit changes as well.
3. Tristate outputs are pulled low by output termination resistors as shown here.
CPU_Stop = Tristate, CPU_Pwrdwn = Tristate
CPU_Stop#
1.8mS
PWRDWN#
CPU (Free Running)
CPU# (Free Running)
CPU (Stoppable)
CPU# (Stoppable)
Notes:
1. When CPU_Stop and CPU_Pwrdwn bits are set to tristate, the clock chip will tristate the outputs during the assertion of
CPU_Stop# and PWRDWN#.
2. Tristate outputs are pulled low by output termination resistors as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com