Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF0EB Datasheet(PDF) 7 Page - Vishay Siliconix

Part # KF0EB
Description  Standard Thick Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KF0EB Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button KF0EB Datasheet HTML 2Page - Vishay Siliconix KF0EB Datasheet HTML 3Page - Vishay Siliconix KF0EB Datasheet HTML 4Page - Vishay Siliconix KF0EB Datasheet HTML 5Page - Vishay Siliconix KF0EB Datasheet HTML 6Page - Vishay Siliconix KF0EB Datasheet HTML 7Page - Vishay Siliconix KF0EB Datasheet HTML 8Page - Vishay Siliconix KF0EB Datasheet HTML 9Page - Vishay Siliconix KF0EB Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
D/CRCW e3
www.vishay.com
Vishay
Revision: 05-Aug-2022
7
Document Number: 20035
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All executed tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification
EN 60115-8
(successor
of
EN 140400),
sectional
specification
EN 140401-802, detail specification
IEC 60068-2-xx, test methods
The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-802. The table presents only
the most important tests, for the full test schedule refer to
the documents listed above. However, some additional
tests and a number of improvements against those
minimum requirements have been included.
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5201-1.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 4.3, whereupon
the following values are applied:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
A climatic category LCT / UCT / 56 is applied, defined by the
lower category temperature (LCT), the upper category
temperature (UCT), and the duration of exposure in the
damp heat, steady state test (56 days). The components are
mounted for testing on boards in accordance with EN
60115-8, 2.4.2 unless otherwise specified.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
(1) TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE (
ΔR)
STABILITY CLASS 1
OR BETTER
STABILITY CLASS 2
OR BETTER
Stability for product types:
1
Ω to 10 MΩ
D/CRCW e3
4.5
-
Resistance
-
± 1 %
± 5 %
4.8
-
Temperature coefficient
At (20 / -55 / 20) °C and
(20 / 155 / 20) °C
± 100 ppm/K
± 200 ppm/K
4.25.1
-
Endurance at 70 °C
U =
or
U = Umax.
whichever is the less severe;
1.5 h on; 0.5 h off
70 °C; 1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
70 °C; 8000 h
± (2 %
R + 0.1 Ω)± (4 % R + 0.1 Ω)
4.25.3
-
Endurance at upper
category temperature
155 °C; 1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.24
78 (Cab)
Damp heat, steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (1 %
R + 0.05 Ω)
4.37
67 (Cy)
Damp heat, steady state,
accelerated
(85 ± 2) °C; (85 ± 5) % RH;
U =
≤ 100 V;
1000 h
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.23
-
Climatic sequence:
± (1 %
R + 0.05 Ω)± (2 % R + 0.1 Ω)
4.23.2
2 (Bb)
Dry heat
125 °C; 16 h
4.23.3
30 (Db)
Damp
55 °C; 24 h;
≥ 90 % RH; 1 cycle
4.23.4
1 (Ab)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h; (25 ± 10) °C
4.23.6
30 (Db)
Damp heat, cyclic
55 °C; 5 days;
> 90 % RH; 5 cycles
4.23.7
-
DC load
U =
≤ Umax.; 1 min
-
1 (Aa)
Cold
-55 °C; 2 h
± (0.25 %
R + 0.05 Ω) ± (0.5 % R + 0.05 Ω)
4.19
14 (Na)
Rapid change
of temperature
30 min. at -55 °C and 30 min. at 125 °C
1000 cycles
± (1 %
R + 0.05 Ω)
no visible damage
4.13
-
Short time overload
U = 2.5 x
≤ 2 x Umax.;
whichever is the less severe; 5 s
± (2 %
R + 0.05 Ω)
4.27
-
Single pulse high voltage
overload
Severity no. 4:
U = 10 x
or
U = 2 x Umax.;
whichever is the less severe;
10 pulses 10 μs / 700 μs
± (1 %
R + 0.05 Ω)
no visible damage
P
70 x R
0.1 x P
85 x R
P
70 x R
P
70 x R
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com